Electronic Components Datasheet Search
  English  ▼

X  

TS4B01G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS4B01G
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4B01G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4B01G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4B01G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4B01G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4B01G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
24.70
25.30
0.972
0.996
B
0.90
1.10
0.035
0.043
C
1.80
2.20
0.071
0.087
D
14.70
15.30
0.579
0.602
E
3.96
4.37
0.156
0.172
F
17.00
18.00
0.669
0.709
G
7.30
7.70
0.287
0.303
H
3.30
3.70
0.130
0.146
I
3.10
3.40
0.122
0.134
J
9.30
9.70
0.366
0.382
K
1.52
1.73
0.060
0.068
L
0.55
0.75
0.022
0.030
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1311042
Version: F13
MARKING DIAGRAM
TS4B01G thru TS4B07G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
0
100
200
300
400
500
600
700
800
900
1000
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com