Electronic Components Datasheet Search
  English  ▼

X  

LT1776 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1776
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1776 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1776 Datasheet HTML 10Page - Linear Technology LT1776 Datasheet HTML 11Page - Linear Technology LT1776 Datasheet HTML 12Page - Linear Technology LT1776 Datasheet HTML 13Page - Linear Technology LT1776 Datasheet HTML 14Page - Linear Technology LT1776 Datasheet HTML 15Page - Linear Technology LT1776 Datasheet HTML 16Page - Linear Technology LT1776 Datasheet HTML 17Page - Linear Technology LT1776 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1776
TYPICAL APPLICATIONS
Minimum Component Count Application
Figure 4a shows a basic “minimum component count”
application. The circuit produces 5V at up to 500mA IOUT
with input voltages in the range of 10V to 40V. The typical
POUT/PIN efficiency is shown in Figure 4b. As shown, the
SHDN and SYNC pins are unused, however either (or both)
can be optionally driven by external signals as desired.
User-Programmable Undervoltage Lockout
Figure 5 adds a resistor divider to the basic application.
This is a simple, cost-effective way to add a user-
programmable undervoltage lockout (UVLO) function.
Resistor R5 is chosen to have approximately 200
µA
through it at the nominal SHDN pin lockout threshold of
1.25V. The somewhat arbitrary value of 200
µA was
C1: PANASONIC HFQ
C2: AVX D CASE TPSD107M010R0080
C4, C5: X7R OR COG/NPO
D1: MOTOROLA 100V, 1A, SMD SCHOTTKY
L1: COILCRAFT DO3316P-104
C1
39
µF
63V
1776 F04a
VIN
10V TO
40V
+
C2
100
µF
10V
+
D1
MBRS1100
R1
36.5k
1%
VOUT
5V
0mA to 500mA
R2
12.1k
1%
R3
22k
5%
L1
100
µH
C3
2200pF
X7R
C4
100pF
C5
100pF
FOR 3.3V VOUT VERSION:
R1: 24.3K, R2: 14.7k
L1: 68
µH, DO3316P-683
IOUT: 0mA TO 500mA
VIN
VCC
VSW
LT1776
FB
VC
SHDN
SYNC
2
5
4
3
7
8
1
6
GND
Figure 4a. Minimum Component Count Application
ILOAD (mA)
1
60
70
80
90
10
100
1000
1776 F04b
50
40
30
20
VIN = 10V
VIN = 20V
VIN = 30V
VIN = 40V
Figure 4b. POUT/PIN Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com