Electronic Components Datasheet Search
  English  ▼

X  

LT1780 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1780
Description  Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1780 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1780 Datasheet HTML 3Page - Linear Technology LT1780 Datasheet HTML 4Page - Linear Technology LT1780 Datasheet HTML 5Page - Linear Technology LT1780 Datasheet HTML 6Page - Linear Technology LT1780 Datasheet HTML 7Page - Linear Technology LT1780 Datasheet HTML 8Page - Linear Technology LT1780 Datasheet HTML 9Page - Linear Technology LT1780 Datasheet HTML 10Page - Linear Technology LT1780 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1780/LT1781
ESD PROTECTIO
The RS232 line inputs of the LT1780/LT1781 have on-chip
protection from ESD transients up to
±15kV air gap and
±8kV contact tested to IEC-1000-4-2 test methods. The
protection structures act to divert the static discharge
safely to system ground. In order for the ESD protection to
function effectively, the power supply and ground pins of
the circuit must be connected to ground through low
impedances. The power supply decoupling capacitors and
charge pump storage capacitors provide this low imped-
ance in normal application of the circuit. The only con-
straint is that low ESR capacitors must be used for
bypassing and charge storage. ESD testing must be done
with pins VCC, VL, V+, V –, and GND shorted to ground or
connected with low ESR capacitors.
Operation Using 5V and 12V Power Supplies
1780 • ESD TC
0.1
µF
RS232
LINE PINS
PROTECTED
TO IEC-1000-4-2
LEVEL 4
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
0.1
µF
0.1
µF
0.1
µF
NC
C1+
V+
C1–
C2+
C2–
V–
DR2 OUT
LT1780
0.1
µF
ON/OFF
5V VCC
GND
DR1 OUT
RX1 IN
RX1 OUT
DR1 IN
DR2 IN
RS232
LINE PINS
PROTECTED
TO IEC-1000-4-2
LEVEL 4
RX2 IN
RX2 OUT
ESD Test Circuit
5k
5k
0.1
µF
0.1
µF
LOGIC
INPUTS
LOGIC
OUTPUTS
ON/OFF
18
10
13
11
12
6
5
4
2
16
9
14
8
15
7
3
17
5V INPUT
–12VOUT
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
1780/81 • TA03
LT1780
12V INPUT
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com