Electronic Components Datasheet Search
  English  ▼

X  

TS25PL05G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS25PL05G
Description  25A, 600V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS25PL05G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS25PL05G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS25PL05G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS25PL05G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS25PL05G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low Forward drop enhance the efficiency
- Oxide Planar chip junction
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
General purpose use in AC/DC bridge full wave rectification.
Especially for high efficiency desktop, telecom, server,
white goods, home appliances, TV game console SMPS.
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2tA2s
RθJC
RθJA
TJ
°C
TSTG
°C
Document Number: DS_D1411014
Version: D15
Typical thermal resistance
5.5
°C/W
A
2
0.87
A
V
TJ=125 °C
0.75
-
TJ=25 °C
Peak forward surge current, 1 ms single half sine-wave
superimposed on rated load
IFSM
900
MAX
0.92
VF
TYP
Instantaneous forward voltage (Note 1)
IF= 12.5A
420
Note 1: Pulse test with PW=300μs, 1% duty cycle
Maximum DC reverse current
TJ=25 °C
at rated DC blocking voltage
TJ=125 °C
IR
10
150
μA
Storage temperature range
- 55 to +150
Operating junction temperature range
- 55 to +150
TYPICAL APPLICATIONS
TS-6P
Rating for fusing (t<8.3ms)
373
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
300
Maximum average forward rectified current
25
600
Weight:
7.15g (approximately)
600
Maximum DC blocking voltage
TS25PL05G
Mounting torque:
Maximum 0.8Nm; 0.5Nm is recommended
TS25PL05G
Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Taiwan Semiconductor
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
25A, 600V
Maximum RMS voltage
PARAMETER
SYMBOL
UNIT
Maximum repetitive peak reverse voltage
MECHANICAL DATA
Case:
TS-6P
Polarity:
Polarity as marked on the body
+
~
~ -


Similar Part No. - TS25PL05G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS25P01G TSC-TS25P01G Datasheet
48Kb / 2P
Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
115Kb / 2P
Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
338Kb / 2P
Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
140Kb / 2P
Single Phase 25.0 Amps. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
262Kb / 4P
Glass Passivated Bridge Rectifiers
More results

Similar Description - TS25PL05G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LVB1560 VISHAY-LVB1560 Datasheet
90Kb / 4P
Low VF Single-Phase Single In-Line Bridge Rectifiers
20-Dec-10
LVB2560 VISHAY-LVB2560 Datasheet
91Kb / 4P
Low VF Single-Phase Single In-Line Bridge Rectifiers
20-Dec-10
logo
Taiwan Semiconductor Co...
GBU15L05 TSC-GBU15L05 Datasheet
207Kb / 4P
15A, 600V Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
TS15PL05G TSC-TS15PL05G Datasheet
251Kb / 4P
15A, 600V - 800V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
GBU15L05 TSC-GBU15L05_16 Datasheet
218Kb / 4P
Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
logo
Vishay Siliconix
LVE2560 VISHAY-LVE2560 Datasheet
119Kb / 5P
Low VF Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GBUE2560 VISHAY-GBUE2560_V01 Datasheet
143Kb / 5P
Low VF Single-Phase Single In-Line Bridge Rectifier
08-Jun-2021
LVB1560 VISHAY-LVB1560_V01 Datasheet
113Kb / 5P
Low VF Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
LVB2560 VISHAY-LVB2560_V01 Datasheet
114Kb / 5P
Low VF Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
LVE1560 VISHAY-LVE1560_V01 Datasheet
120Kb / 5P
Low VF Single-Phase Single In-Line Bridge Rectifiers
05-May-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com