Electronic Components Datasheet Search
  English  ▼

X  

TS4148C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4148C
Description  200mW High Speed SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4148C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4148C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4148C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4148C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4148C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Designed for mounting on small surface
- Extremely thin/leadless package
- High mounting capability, strong surage with stand,
high reliability
- Pb free version and RoHS compliant
- Halogen free
- Case: 0603 (Ceramics)
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by white cathode band
- Weight: 4 mg (approximately)
UNIT
mW
V
mA
mA
surge current
oC/W
oC
UNIT
Reverse breakdown voltage
V
Junction capacitance
pF
Reverse recovery time
ns
Document Number: DS_S1310004
Version: D14
Forward voltage
VF
IR
0603 (Ceramics)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
200mW High Speed SMD Switching Diode
Thermal resistance (Junction to Ambient)
Junction and storage temperature range
SYMBOL
V(BR)
PARAMETER
IR=100μA
Power dissipation
Repetitive peak reverse voltage
Repetitive peak forward current
Mean forward current
IO
PD
75
MAX
200
75
4
1.25
-
TS4148C
MECHANICAL DATA
VR=20V
VR=75V
VR=0V, f=1.0MHz
μA
VRRM
Small Signal Product
Taiwan Semiconductor
FEATURES
PARAMETER
-
MIN
-
CJ
IF=10mA
IF=100mA
trr
100
375
0.4
-5.0
-
at t≦8.3ms
SYMBOL
200
VALUE
IFSM
-
0.025
1.00
-55 to +150
-
IFRM
Reverse leakage current
4
IF=IR=10mA, RL=100Ω
V
A
0.8
Non-repetitive peak forward
RθJA
TJ, TSTG
at t<1s


Similar Part No. - TS4148C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148C TSC-TS4148C Datasheet
199Kb / 1P
High Speed SMD Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
200mW High Speed SMD Switching Diode
More results

Similar Description - TS4148C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
200mW, SMD High Speed Switching Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
200mW, High-speed switching SMD Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
200mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148WX-TP MCC-1N4148WX-TP Datasheet
189Kb / 3P
High Speed Switching Diode 200mW
logo
Taiwan Semiconductor Co...
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
200mW High-Speed Switching SMD Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com