Electronic Components Datasheet Search
  English  ▼

X  

LT1787 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1787
Description  Precision, High Side Current Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1787 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1787 Datasheet HTML 4Page - Linear Technology LT1787 Datasheet HTML 5Page - Linear Technology LT1787 Datasheet HTML 6Page - Linear Technology LT1787 Datasheet HTML 7Page - Linear Technology LT1787 Datasheet HTML 8Page - Linear Technology LT1787 Datasheet HTML 9Page - Linear Technology LT1787 Datasheet HTML 10Page - Linear Technology LT1787 Datasheet HTML 11Page - Linear Technology LT1787 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1787/LT1787HV
Figure 8. Unidirectional Current Sensing Mode
Figure 7. Single Supply 2.5V Bidirectional Operation
with External Voltage Reference and I/V Converter
2.5V
C1
1
µF
RSENSE
ISENSE
2.5V + VSENSE(MAX)
TO
CHARGER/
LOAD
VOUT A
1M
5%
1787 F07
LT1495
C3
1000pF
LT1389-1.25
2.5V
+
–
A1
1
2
3
4
8
7
6
5
LT1787
FIL+
FIL–
VBIAS
VOUT
VS
–
VS
+
DNC
VEE
ROUT
1787 F08
C
0.1
µF
RSENSE
2.5V TO
60V
VOUT
TO
LOAD
1
2
3
4
8
7
6
5
LT1787HV
FIL+
FIL–
VBIAS
VOUT
VS
–
VS
+
DNC
VEE
ROUT
VS
+ – V
S
– (V)
0
0.30
0.25
0.20
0.15
0.10
0.05
0
0.005 0.010
IDEAL
0.015 0.020
1787 F09
0.025 0.030
Figure 9. Expanded Scale of Unidirectional Output
Buffered Output Operation
Figure 7 shows the LT1787’s outputs buffered by an
operational amplifier configured as an I/V converter. This
configuration is ideal for monitoring very low voltage
supplies. The LT1787’s VOUT pin is held equal to the
reference voltage appearing at the op amp’s noninverting
input. This allows monitoring VS supplies as low as 2.5V.
The op amp’s output may swing from ground to its
positive supply voltage. The low impedance output of the
op amp may drive following circuitry more effectively than
the high output impedance of the LT1787. The I/V con-
verter configuration also works well with split supply
voltages.
Single Supply Unidirectional Operation
Figure 8 shows the simplest connection in which the
LT1787 may be used. The VBIAS pin is connected to
ground, and the VOUT pin swings positive with increasing
sense current. The LT1787’s outputs can swing as low as
30mV as shown in Figure 9. Accuracy is sacrificed at small
output levels, but this is not a limitation in protection
circuit applications or where sensed currents do not vary
greatly. Increased low level accuracy can be obtained by
level shifting VBIAS above ground. The level shifting may
be done with resistor dividers, voltage references or a
simple diode. Accuracy is ensured if the output signal is
sensed differentially between VBIAS and VOUT.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com