Electronic Components Datasheet Search
  English  ▼

X  

LT1792 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1792
Description  Low Noise, Precision, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1792 Datasheet(HTML) 1 Page - Linear Technology

  LT1792 Datasheet HTML 1Page - Linear Technology LT1792 Datasheet HTML 2Page - Linear Technology LT1792 Datasheet HTML 3Page - Linear Technology LT1792 Datasheet HTML 4Page - Linear Technology LT1792 Datasheet HTML 5Page - Linear Technology LT1792 Datasheet HTML 6Page - Linear Technology LT1792 Datasheet HTML 7Page - Linear Technology LT1792 Datasheet HTML 8Page - Linear Technology LT1792 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1792
Low Noise, Precision,
JFET Input Op Amp
The LT
®1792 achieves a new standard of excellence in
noise performance for a JFET op amp. The 4.2nV/
√Hz
voltage noise combined with low current noise and
picoampere bias currents make the LT1792 an ideal choice
for amplifying low level signals from high impedance
capacitive transducers.
The LT1792 is unconditionally stable for gains of 1 or more,
even with load capacitances up to 1000pF. Other key
features are 600
µV VOS and a voltage gain of over 4 million.
Each individual amplifier is 100% tested for voltage noise,
slew rate and gain bandwidth.
The design of the LT1792 has been optimized to achieve
true precision performance with an industry standard
pinout in the SO-8 package. Specifications are also pro-
vided for
±5V supplies.
s
100% Tested Low Voltage Noise: 6nV/
√Hz Max
s
A Grade 100% Temperature Tested
s
Voltage Gain: 1.2 Million Min
s
Offset Voltage Over Temp: 800
µV Max
s
Gain-Bandwidth Product: 5.6MHz Typ
s
Guaranteed Specifications with
±5V Supplies
, LTC and LT are registered trademarks of Linear Technology Corporation.
Low Noise Hydrophone Amplifier with DC Servo
7
4
5V TO 15V
6
2
3
–5V TO –15V
C2
0.47
µF
2
3
6
R8
100M
R6
100k
R4
1M
R5
1M
LT1792
LT1097
R3
3.9k
C1*
R1*
100M
R7
1M
R2
200
Ω
CT
HYDRO-
PHONE
OUTPUT
DC OUTPUT
≤ 2.5mV FOR TA < 70°C
OUTPUT VOLTAGE NOISE = 128nV/
√Hz AT 1kHz (GAIN = 20)
C1
≈ CT ≈ 100pF TO 5000pF; R4C2 > R8CT; *OPTIONAL
1792 TA01
INPUT VOLTAGE NOISE (nV/
√Hz)
3.6
40
30
20
10
0
4.0
4.4 4.6
5.6
1792 TA02
3.8
4.2
4.8 5.0 5.2 5.4
VS = ±15V
TA = 25°C
270 OP AMPS TESTED
1kHz Input Noise Voltage Distribution
s
Photocurrent Amplifiers
s
Hydrophone Amplifiers
s
High Sensitivity Piezoelectric Accelerometers
s
Low Voltage and Current Noise Instrumentation
Amplifier Front Ends
s
Two and Three Op Amp Instrumentation Amplifiers
s
Active Filters
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1792

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
184Kb / 12P
Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
Low Noise, Precision, JFET Input Op Amp
More results

Similar Description - LT1792

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
Dual JFET Input Precision High Speed Op Amp?
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
Dual Low Noise, Precision, JFET Input Op Amps
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
Dual, Precision JFET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Linear Technology
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
Low Noise, Precision, JFET Input Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
Dual, Precision JFET Input Op Amp
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
Dual Low Noise, Precision, JFET Input Op Amp
logo
Texas Instruments
OPA827 TI1-OPA827_16 Datasheet
1Mb / 36P
Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com