Electronic Components Datasheet Search
  English  ▼

X  

CW520-01 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # CW520-01
Description  compact green laser diode module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CW520-01 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  CW520-01 Datasheet HTML 1Page - Roithner LaserTechnik GmbH CW520-01 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
CW520-01
Description
CW520-01 is a compact size fix collimated laser diode module with a typical emission wavelength
of 515 nm, and an optical output power of <1mW. It features automatic power control (APC)
driving electronics for stable operation, and supports a wide input voltage range (3-5 VDC)
Specifications
Parameter
Values
Unit
Min.
Typ.
Max.
Wavelength
505
515
525
nm
Output power
1
mW
Laser class
2
Output aperture
Ø 2
mm
Beam divergence
< 1
mrad
Supply voltage
3.0
5.0
VDC
Power stability
*
± 5
%
Operating current
250
mA
Operating temperature
+10
+50
°C
Storage temperature
-20
+70
°C
Material body
Brass
Material lens
Acryl
Dimensions
Ø 12 x 22 (49)
mm
Leads
0.25 mm² x 100
mm
MTTF
5000
H
*power stability ± 3% for 30 min @ constant temperature
Electrical Connection
Lead
Description
Red
+VDC
Black
GND
v 1.0 19.11.2013


Similar Part No. - CW520-01

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CW520-05 ROITHNER-CW520-05 Datasheet
453Kb / 2P
compact green laser diode module
More results

Similar Description - CW520-01

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CW450-01 ROITHNER-CW450-01 Datasheet
403Kb / 2P
compact blue laser diode module
CW450-05 ROITHNER-CW450-05 Datasheet
404Kb / 2P
compact blue laser diode module
CW520-05 ROITHNER-CW520-05 Datasheet
453Kb / 2P
compact green laser diode module
RLDB808-150-3 ROITHNER-RLDB808-150-3 Datasheet
311Kb / 2P
compact infrared laser diode module
RLDH980-200-3 ROITHNER-RLDH980-200-3 Datasheet
423Kb / 2P
compact infrared diode laser module
STAR405F5 ROITHNER-STAR405F5 Datasheet
230Kb / 1P
compact violet laser diode module
STAR405F10 ROITHNER-STAR405F10 Datasheet
232Kb / 1P
compact violet laser diode module
STAR405F20 ROITHNER-STAR405F20 Datasheet
232Kb / 1P
compact violet laser diode module
STAR450F5 ROITHNER-STAR450F5 Datasheet
334Kb / 1P
compact violet laser diode module
STAR450F10 ROITHNER-STAR450F10 Datasheet
336Kb / 1P
compact violet laser diode module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com