Electronic Components Datasheet Search
  English  ▼

X  

LT1785AC Datasheet(PDF) 12 Page - Linear Technology

Part # LT1785AC
Description  60V Fault Protected RS485/RS422 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1785AC Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1785AC Datasheet HTML 4Page - Linear Technology LT1785AC Datasheet HTML 5Page - Linear Technology LT1785AC Datasheet HTML 6Page - Linear Technology LT1785AC Datasheet HTML 7Page - Linear Technology LT1785AC Datasheet HTML 8Page - Linear Technology LT1785AC Datasheet HTML 9Page - Linear Technology LT1785AC Datasheet HTML 10Page - Linear Technology LT1785AC Datasheet HTML 11Page - Linear Technology LT1785AC Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1785/LT1785A
LT1791/LT1791A
©LINEAR TECHNOLOGY CORPORATION 1998
178591f LT/TP 0300 4K • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIONS
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC485
Low Power RS485 Interface Transceiver
ICC = 300µA (Typ)
LTC491
Differential Driver and Receiver Pair
ICC = 300µA
LTC1483
Ultralow Power RS485 Low EMI Transceiver
Controlled Driver Slew Rate
LTC1485
Differential Bus Transceiver
10Mbaud Operation
LTC1487
Ultralow Power RS485 with Low EMI, Shutdown and High Input Impedance
Up to 256 Transceivers on the Bus
LTC1520
50Mbps Precision Quad Line Receiver
Channel-to-Channel Skew 400ps (Typ)
LTC1535
Isolated RS485 Full-Duplex Transceiver
2500VRMS Isolation in Surface Mount Package
LTC1685
52Mbps RS485 Half-Duplex Transceiver
Propagation Delay Skew 500ps (Typ)
LTC1687
52Mbps RS485 Full-Duplex Transceiver
Propagation Delay Skew 500ps (Typ)
4
3
2
1
A
B 7
6
RO
RE
DE
DI
1785/91 F10
RX
TX
RT
120
Ω
RT
120
Ω
LT1785
4
3
2
1
A
B
7
6
RO
RE
DE
DI
RX
TX
LT1785
4
3
2
1
A
B
7
6
RO
RE
DE
DI
4
3
2
1
A
B
7
6
RO
RE
DE
DI
LT1785
LT1785
Figure 10. Half-Duplex RS485 Network Operation
4
3
2
1
A
B 7
8
VCC
5
6
RO
RE
DE
DI
RX
TX
RT,120Ω
1785/91 F11
0.1
µF
300V
47
Ω
1.5KE36CA
47
Ω
CARBON
COMPOSITE
5W
LT1785
RAYCHEM
POLYSWITCH
TR600-150
× 2
Figure 11. RS485 Network with 120V AC Line Fault Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com