Electronic Components Datasheet Search
  English  ▼

X  

TSF30H200C Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSF30H200C
Description  Trench Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF30H200C Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSF30H200C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF30H200C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF30H200C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF30H200C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF30H200C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: DS_D1411039
Version: G14
TSF30H100C thru TSF30H200C
Taiwan Semiconductor
10
100
1000
10000
0.1
1
10
100
f=1.0MHz
Vsig=50mVp-p
TSF30H200C
TSF30H150C
TSF30H100C
TSF30H120C
FIG. 10 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (V)
0.00001
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
TJ=25°C
TJ=125°C
TJ=100°C
TJ=150°C
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF30H200C
FIG. 9 TYPICAL REVERSE CHARACTERISTICS
0.00001
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90 100
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF30H150C
FIG. 8 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
TJ=100°C
TJ=150°C
0.00001
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF30H120C
FIG. 7 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
TJ=100°C
TJ=150°C
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90 100
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF30H100C
FIG. 6 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
TJ=150°C
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
TSF30H200C
FIG. 5 TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE (V)
TJ=25°C
TJ=125°C
TJ=100°C
TJ=150°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com