Electronic Components Datasheet Search
  English  ▼

X  

LT1791AC Datasheet(PDF) 8 Page - Linear Technology

Part # LT1791AC
Description  60V Fault Protected RS485/RS422 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1791AC Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1791AC Datasheet HTML 4Page - Linear Technology LT1791AC Datasheet HTML 5Page - Linear Technology LT1791AC Datasheet HTML 6Page - Linear Technology LT1791AC Datasheet HTML 7Page - Linear Technology LT1791AC Datasheet HTML 8Page - Linear Technology LT1791AC Datasheet HTML 9Page - Linear Technology LT1791AC Datasheet HTML 10Page - Linear Technology LT1791AC Datasheet HTML 11Page - Linear Technology LT1791AC Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1785/LT1785A
LT1791/LT1791A
Overvoltage Protection
The LT1785/LT1791 RS485/RS422 transceivers answer
an applications need for overvoltage fault tolerance on
data networks. Industrial installations may encounter
common mode voltages between nodes far greater than
the – 7V to 12V range specified for compliance to RS485
standards. CMOS RS485 transceivers can be damaged by
voltages above their absolute maximum ratings of typi-
SWITCHI G TI E WAVEFOR S
Figure 8. Receiver Enable and Disable Times
Figure 7. Receiver Propagation Delays
Figure 6. Driver Enable and Disable Times
1.5V
2.3V
2.3V
tZH(SHDN), tZH
tZL(SHDN), tZL
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
5V
0V
DE
5V
VOL
VOH
0V
A, B
A, B
1785/91 F06
f = 125kHz, tr ≤ 10ns, tf ≤ 10ns
1.5V
tPHL
RO
–VOD2
A – B
0V
0V
1.5V
tPLH
OUTPUT
INPUT
VOD2
VOL
VOH
1785/91 F07
f = 125kHz, tr ≤ 10ns, tf ≤ 10ns
1.5V
tZL(SHDN), tZL
tZH(SHDN), tZH
1.5V
1.5V
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
5V
0V
RE
5V
0V
RO
RO
1785/91 F08
f = 125kHz, tr ≤ 10ns, tf ≤ 10ns
APPLICATIO S I FOR ATIO
cally – 8V to 12.5V. Replacement of standard RS485
transceiver components with the LT1785 or LT1791
devices eliminates field failures due to overvoltage faults
or the use of costly external protection devices. The limited
overvoltage tolerance of CMOS RS485 transceivers makes
implementation of effective external protection networks
difficult without interfering with proper data network
performance within the – 7V to 12V region of RS485
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com