Electronic Components Datasheet Search
  English  ▼

X  

LT1812 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1812
Description  3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812 Datasheet(HTML) 2 Page - Linear Technology

  LT1812 Datasheet HTML 1Page - Linear Technology LT1812 Datasheet HTML 2Page - Linear Technology LT1812 Datasheet HTML 3Page - Linear Technology LT1812 Datasheet HTML 4Page - Linear Technology LT1812 Datasheet HTML 5Page - Linear Technology LT1812 Datasheet HTML 6Page - Linear Technology LT1812 Datasheet HTML 7Page - Linear Technology LT1812 Datasheet HTML 8Page - Linear Technology LT1812 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1812
(Note 1)
Total Supply Voltage (V + to V –) ............................. 12.6V
Differential Input Voltage (Transient Only, Note 2) ...
±3V
Input Voltage ...........................................................
±VS
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 8) ... – 40
°C to 85°C
Specified Temperature Range
(Note 8) .............................................. – 40
°C to 85°C
Maximum Junction Temperature ......................... 150
°C
Storage Temperature Range .................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300
°C
Consult factory for Military grade parts.
TJMAX = 150°C, θJA = 80°C/ W (NOTE 9)
ORDER PART
NUMBER
LT1812CS8
LT1812IS8
S8 PART MARKING
1812
1812I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
0.4
1.5
mV
IOS
Input Offset Current
30
400
nA
IB
Input Bias Current
– 0.9
±4
µA
en
Input Noise Voltage Density
f = 10kHz
8
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
1
pA/
√Hz
RIN
Input Resistance
VCM = ±3.5V
3
10
M
Ω
Differential
1.5
M
Ω
CIN
Input Capacitance
2pF
VCM
Input Voltage Range (Positive)
3.5
4.2
V
Input Voltage Range (Negative)
– 4.2
– 3.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
75
85
dB
Minimum Supply Voltage
±1.25
±2V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±5.5V
78
97
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±3V, RL = 500Ω
1.5
3.0
V/mV
VOUT = ±3V, RL = 100Ω
1.0
2.5
V/mV
VOUT
Maximum Output Swing
RL = 500Ω, 30mV Overdrive
±3.80
±4.0
V
RL = 100Ω, 30mV Overdrive
±3.35
±3.5
V
IOUT
Maximum Output Current
VOUT = ±3V, 30mV Overdrive
±40
±60
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 1V Overdrive (Note 3)
±75
±110
mA
SR
Slew Rate
AV = – 1 (Note 5)
500
750
V/
µs
FPBW
Full Power Bandwidth
3V Peak (Note 6)
40
MHz
GBW
Gain Bandwidth Product
f = 200kHz
75
100
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
2ns
OS
Overshoot
AV = 1, 0.1V, RL = 100Ω
25
%
tPD
Propagation Delay
AV = 1, 50% VIN to 50% VOUT, 0.1V, RL = 100Ω
2.8
ns
ts
Settling Time
5V Step, 0.1%, AV = – 1
30
ns
THD
Total Harmonic Distortion
f = 1MHz, VOUT = 2VP-P, AV = 2, RL = 500Ω
–76
dB
Differential Gain
VOUT = 2VP-P, AV = 2, RL = 150Ω
0.12
%
Differential Phase
VOUT = 2VP-P, AV = 2, RL = 150Ω
0.07
DEG
ROUT
Output Resistance
AV = 1, f = 1MHz
0.4
Ω
TA = 25°C, VS = ±5V, VCM = 0V unless otherwise noted.
1
2
3
4
8
7
6
5
TOP VIEW
SHDN
V+
VOUT
NC
NC
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com