Electronic Components Datasheet Search
  English  ▼

X  

LT1886CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1886CS8
Description  Dual 700MHz, 200mA Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1886CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1886CS8 Datasheet HTML 7Page - Linear Technology LT1886CS8 Datasheet HTML 8Page - Linear Technology LT1886CS8 Datasheet HTML 9Page - Linear Technology LT1886CS8 Datasheet HTML 10Page - Linear Technology LT1886CS8 Datasheet HTML 11Page - Linear Technology LT1886CS8 Datasheet HTML 12Page - Linear Technology LT1886CS8 Datasheet HTML 13Page - Linear Technology LT1886CS8 Datasheet HTML 14Page - Linear Technology LT1886CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1886
APPLICATIO S I FOR ATIO
Figures 3 and 4 can be combined as shown in Figure 5. The
gain is unity at low frequencies, 1 + RF/RG at mid-band and
for stability, a gain of 10 or greater at high frequencies.
termination resistor is used, a capacitor to ground at the
load can eliminate ringing.
Line Driving Back-Termination
The standard method of cable or line back-termination is
shown in Figure 6. The cable/line is terminated in its
characteristic impedance (50
Ω, 75Ω, 100Ω, 135Ω, etc.).
A back-termination resistor also equal to to the
chararacteristic impedance should be used for maximum
pulse fidelity of outgoing signals, and to terminate the line
for incoming signals in a full-duplex application. There are
three main drawbacks to this approach. First, the power
dissipated in the load and back-termination resistors is
equal so half of the power delivered by the amplifier is
wasted in the termination resistor. Second, the signal is
halved so the gain of the amplifer must be doubled to have
the same overall gain to the load. The increase in gain
increases noise and decreases bandwidth (which can also
increase distortion). Third, the output swing of the ampli-
fier is doubled which can limit the power it can deliver to
the load for a given power supply voltage.
RC
Vo
Vi
CC
(OPTIONAL)
1886 F03
RF
RG
= 1 +
RF
RG
Vo
Vi
< 15MHz
1
2
πRCCC
(RC || RG) ≤ RF/9
Output Loading
The LT1886 output stage is very wide bandwidth and able
to source and sink large currents. Reactive loading, even
isolated with a back-termination resistor, can cause ring-
ing at frequencies of hundreds of MHz. For this reason, any
design should be evaluated over a wide range of output
conditions. To reduce the effects of reactive loading, an
optional snubber network consisting of a series RC across
the load can provide a resistive load at high frequency.
Another option is to filter the drive to the load. If a back-
Figure 3. Compensation for Noninverting Gains
1886 F04
RF
RG
Vi
VO
CC
< 15MHz
1
2
πRGCC
RG ≤ RF/9
= 1 (LOW FREQUENCIES)
(HIGH FREQUENCIES)
Vo
Vi
= 1 +
RF
RG
Figure 4. Alternate Noninverting Compensation
RC
Vo
Vi
CC
1886 F05
RF
RG
CBIG
RF
RG
= 1 AT LOW FREQUENCIES
= 1 +
AT MEDIUM FREQUENCIES
RF
(RC || RG)
= 1 +
AT HIGH FREQUENCIES
Vo
Vi
Figure 5. Combination Compensation
1886 F06
RF
RBT
CABLE OR LINE WITH
CHARACTERISTIC IMPEDANCE RL
RG
VO
Vi
RL
(1 + RF/RG)
=
Vo
Vi
1
2
RBT = RL
An alternate method of back-termination is shown in
Figure 7. Positive feedback increases the effective back-
termination resistance so RBT can be reduced by a factor
of n. To analyze this circuit, first ground the input. As RBT =
RL/n, and assuming RP2>>RL we require that:
Va = Vo (1 – 1/n) to increase the effective value of
RBT by n.
Vp = Vo (1 – 1/n)/(1 + RF/RG)
Vo = Vp (1 + RP2/RP1)
Eliminating Vp, we get the following:
(1 + RP2/RP1) = (1 + RF/RG)/(1 – 1/n)
Figure 6. Standard Cable/Line Back-Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com