Electronic Components Datasheet Search
  English  ▼

X  

LT1920C Datasheet(PDF) 12 Page - Linear Technology

Part # LT1920C
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1920C Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1920C Datasheet HTML 4Page - Linear Technology LT1920C Datasheet HTML 5Page - Linear Technology LT1920C Datasheet HTML 6Page - Linear Technology LT1920C Datasheet HTML 7Page - Linear Technology LT1920C Datasheet HTML 8Page - Linear Technology LT1920C Datasheet HTML 9Page - Linear Technology LT1920C Datasheet HTML 10Page - Linear Technology LT1920C Datasheet HTML 11Page - Linear Technology LT1920C Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1920
1920f LT/TP 0299 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
TYPICAL APPLICATION
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1100
Precision Chopper-Stabilized Instrumentation Amplifier
Best DC Accuracy
LT1101
Precision, Micropower, Single Supply Instrumentation Amplifier
Fixed Gain of 10 or 100, IS < 105µA
LT1102
High Speed, JFET Instrumentation Amplifier
Fixed Gain of 10 or 100, 30V/
µs Slew Rate
LT1167
Single Resistor Gain Programmable Precision
Upgraded Version of the LT1920
Instrumentation Amplifier
LTC
®1418
14-Bit, Low Power, 200ksps ADC with Serial and Parallel I/O
Single Supply 5V or
±5V Operation, ±1.5LSB INL
and
±1LSB DNL Max
LT1460
Precision Series Reference
Micropower; 2.5V, 5V, 10V Versions; High Precision
LTC1562
Active RC Filter
Lowpass, Bandpass, Highpass Responses; Low Noise,
Low Distortion, Four 2nd Order Filter Sections
LTC1605
16-Bit, 100ksps, Sampling ADC
Single 5V Supply, Bipolar Input Range:
±10V,
Power Dissipation: 55mW Typ
RELATED PARTS
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
Nerve Impulse Amplifier
2
2
–IN
PATIENT
GROUND
OUTPUT
1V/mV
+IN
1
1
8
R6
1M
R7
10k
R8
100
Ω
1920 TA03
AV = 101
POLE AT 1kHz
5
5
4
–3V
–3V
3V
3V
7
6
8
4
7
6
1/2
LT1112
1/2
LT1112
R4
30k
R3
30k
R1
12k
C1
0.01
µF
RG
6k
3
3
R2
1M
C2
0.47
µF
0.3Hz
HIGHPASS
C3
15nF
PATIENT/CIRCUIT
PROTECTION/ISOLATION
–
+
LT1920
G = 10
+
–
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com