Electronic Components Datasheet Search
  English  ▼

X  

LT1213 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1213
Description  28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1213 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1213 Datasheet HTML 8Page - Linear Technology LT1213 Datasheet HTML 9Page - Linear Technology LT1213 Datasheet HTML 10Page - Linear Technology LT1213 Datasheet HTML 11Page - Linear Technology LT1213 Datasheet HTML 12Page - Linear Technology LT1213 Datasheet HTML 13Page - Linear Technology LT1213 Datasheet HTML 14Page - Linear Technology LT1213 Datasheet HTML 15Page - Linear Technology LT1213 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1213/LT1214
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TIME AFTER POWER-UP (SEC)
0
2
1
0
–1
–2
80
1213/14 G36
20
40
60
100
VS = 5V
RL =
∞
2 TYPICAL AMPLIFIERS
TEMPERATURE (
°C)
V+
V+–1
V+–2
1213/14 G39
V –+1
V –
V ––1
–50
25
75
–25
0
50
100
125
Input Noise Current, Noise
Common Mode Rejection Ratio
Input Referred Power Supply
Voltage Density vs Frequency
vs Frequency
Rejection Ratio vs Frequency
TEMPERATURE (
°C)
–50
110
105
100
95
90
85
80
75
25
75
–25
0
50
100
125
1213/14 G37
IOS
+IB
–IB
VS = 5V
Input Bias Current vs
Common Mode Range
Input Bias Current vs Temperature
Common Mode Voltage
vs Temperature
SUPPLY VOLTAGE (V)
0
4
3
2
1
0
2
4
5
1213/14 G34
13
TA = 125°C
TA = –55°C
TA = 25°C
Supply Current vs Supply Votage
Supply Current vs Temperature
Warm-Up Drift vs Time
TEMPERATURE (
°C)
–50
4.2
3.8
3.4
3.0
2.6
2.2
1.8
–25
050
75
1213/14 G35
100
125
25
VS = 5V
VS = ±15V
COMMON MODE VOLTAGE (V)
–1
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
3
1213/14 G38
0
1
2
4
TA = –55°C
VS = 5V
TA = 125°C
TA = 25°C
FREQUENCY (Hz)
130
120
110
100
90
80
70
60
50
40
30
1k
100k
1M
10M
1213/14 G42
10k
NEGATIVE SUPPLY
VS = ±15V
AV = 100
POSITIVE SUPPLY
FREQUENCY (Hz)
10k
120
110
100
90
80
70
60
50
40
30
20
100k
1M
10M
1213/14 G41
VS = 5V
FREQUENCY (Hz)
20
18
16
14
12
10
8
6
4
2
0
10
1k
10k
100k
1213/14 G40
100
CURRENT NOISE
VS = ±15V
TA = 25°C
RS = 0Ω
VOLTAGE NOISE
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com