Electronic Components Datasheet Search
  English  ▼

X  

LT1632 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1632
Description  45MHz, 45V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1632 Datasheet(HTML) 3 Page - Linear Technology

  LT1632 Datasheet HTML 1Page - Linear Technology LT1632 Datasheet HTML 2Page - Linear Technology LT1632 Datasheet HTML 3Page - Linear Technology LT1632 Datasheet HTML 4Page - Linear Technology LT1632 Datasheet HTML 5Page - Linear Technology LT1632 Datasheet HTML 6Page - Linear Technology LT1632 Datasheet HTML 7Page - Linear Technology LT1632 Datasheet HTML 8Page - Linear Technology LT1632 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1632/LT1633
sn1632 16323fs
ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR Match (Channel-to-Channel) (Note 5)
VS = 5V, VCM = V– to V+
65
85
dB
VS = 3V, VCM = V
– to V+
61
82
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 12V, VCM = VO = 0.5V
82
100
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = 2.7V to 12V, VCM = VO = 0.5V
79
101
dB
Minimum Supply Voltage (Note 9)
VCM = VO = 0.5V
2.6
2.7
V
VOL
Output Voltage Swing Low (Note 6)
No Load
15
30
mV
ISINK = 0.5mA
32
60
mV
ISINK = 25mA, VS = 5V
600
1200
mV
ISINK = 20mA, VS = 3V
500
1000
mV
VOH
Output Voltage Swing High (Note 6)
No Load
16
40
mV
ISOURCE = 0.5mA
42
80
mV
ISOURCE = 20mA, VS = 5V
910
1800
mV
ISOURCE = 15mA, VS = 3V
680
1400
mV
ISC
Short-Circuit Current
VS = 5V
±20
±40
mA
VS = 3V
±15
±30
mA
IS
Supply Current per Amplifier
4.3
5.2
mA
GBW
Gain-Bandwidth Product (Note 7)
f = 100kHz
22
45
MHz
SR
Slew Rate (Note 8)
VS = 5V, AV = – 1, RL = Open, VO = 4V
13
27
V/
µs
VS = 3V, AV = – 1, RL = Open
11
22
V/
µs
tS
Settling Time
VS = 5V, AV = 1, RL = 1k,
400
ns
0.01%, VSTEP = 2V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+ – 0.1V
q
600
2000
µV
VCM = V– + 0.2V
q
600
2000
µV
VOS TC
Input Offset Voltage Drift (Note 3)
q
815
µV/°C
VCM = V+ – 0.1V
q
2.5
7
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V– + 0.2V to V+ – 0.1V
q
400
2300
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V – + 0.2V, V+ – 0.1V (Note 5)
q
700
3750
µV
IB
Input Bias Current
VCM = V+ – 0.1V
q
0
1.3
2.6
µA
VCM = V
– + 0.2V
q
– 2.6
– 1.3
0
µA
∆IB
Input Bias Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
2.6
5.2
µA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ – 0.1V (Note 5)
q
50
1040
nA
VCM = V
– + 0.2V (Note 5)
q
50
1040
nA
IOS
Input Offset Current
VCM = V
+ – 0.1V
q
40
520
nA
VCM = V– + 0.2V
q
40
520
nA
∆IOS
Input Offset Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
80
1040
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 300mV to 4.7V, RL = 10k
q
300
1100
V/mV
VS = 3V, VO = 300mV to 2.7V, RL = 10k
q
200
1000
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V– + 0.2V to V+ – 0.1V
q
67
81
dB
VS = 3V, VCM = V– + 0.2V to V+ – 0.1V
q
61
77
dB
CMRR Match (Channel-to-Channel) (Note 5)
VS = 5V, VCM = V– + 0.2V to V+ – 0.1V
q
62
78
dB
VS = 3V, VCM = V
– + 0.2V to V+ – 0.1V
q
57
73
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 12V, VCM = VO = 0.5V
q
81
94
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = 3V to 12V, VCM = VO = 0.5V
q
77
95
dB
0
°C < TA < 70°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com