Electronic Components Datasheet Search
  English  ▼

X  

LT1815 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1815
Description  Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815 Datasheet(HTML) 5 Page - Linear Technology

  LT1815_15 Datasheet HTML 1Page - Linear Technology LT1815_15 Datasheet HTML 2Page - Linear Technology LT1815_15 Datasheet HTML 3Page - Linear Technology LT1815_15 Datasheet HTML 4Page - Linear Technology LT1815_15 Datasheet HTML 5Page - Linear Technology LT1815_15 Datasheet HTML 6Page - Linear Technology LT1815_15 Datasheet HTML 7Page - Linear Technology LT1815_15 Datasheet HTML 8Page - Linear Technology LT1815_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1815/LT1816/LT1817
5
181567fb
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GBW
Gain-Bandwidth Product
f = 200kHz, RL = 500Ω, LT1815
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
150
140
130
220
MHz
MHz
MHz
f = 200kHz, RL = 500Ω, LT1816/LT1817
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
140
130
120
220
MHz
MHz
MHz
Gain-Bandwidth Product
(Low Power Mode) (Note 10)
LT1815S6/LT1816A; 40kΩ Between ISET and V–;
f = 200kHz, RL = 500Ω
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
35
30
25
55
MHz
MHz
MHz
–3dB BW –3dB Bandwidth
AV = 1, RL = 500Ω
350
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
1
ns
tPD
Propagation Delay
AV = 1, 50% to 50%, 0.1V, RL = 100Ω
1.4
ns
OS
Overshoot
AV = 1, 0.1V; RL = 100Ω
25
%
tS
Settling Time
AV = –1, 0.1%, 5V
15
ns
THD
Total Harmonic Distortion
AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
–70
dB
dG
Differential Gain
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.08
%
dP
Differential Phase
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.04
Deg
ROUT
Output Resistance
AV = 1, f = 1MHz
0.20
Ω
IS
Supply Current
LT1815
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
6.5
7
9
10
mA
mA
mA
LT1816/LT1817, per Amplifier
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
6.5
7.8
10.5
11.5
mA
mA
mA
Supply Current (Low Power Mode)
(Note 10)
LT1815S6/LT1816A, 40kΩ Between ISET and V–,
per Amplifier
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
1
1.5
1.8
2.0
mA
mA
mA
ISET
ISET Pin Current (Note 10)
LT1815S6/LT1816A
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
–150
–175
–200
–100
μA
μA
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 8). VS = ±5V, VCM = 0V, unless otherwise noted. For the
programmable current option (LT1815S6 or LT1816A), the ISET pin must be connected to V– through 75Ω or less, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com