Electronic Components Datasheet Search
  English  ▼

X  

LT1920I Datasheet(PDF) 4 Page - Linear Technology

Part # LT1920I
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1920I Datasheet(HTML) 4 Page - Linear Technology

  LT1920I Datasheet HTML 1Page - Linear Technology LT1920I Datasheet HTML 2Page - Linear Technology LT1920I Datasheet HTML 3Page - Linear Technology LT1920I Datasheet HTML 4Page - Linear Technology LT1920I Datasheet HTML 5Page - Linear Technology LT1920I Datasheet HTML 6Page - Linear Technology LT1920I Datasheet HTML 7Page - Linear Technology LT1920I Datasheet HTML 8Page - Linear Technology LT1920I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1920
TYPICAL PERFOR A CE CHARACTERISTICS
Gain Nonlinearity, G = 1
OUTPUT VOLTAGE (2V/DIV)
G = 1
RL = 2k
VOUT = ±10V
1167 G01
Gain Nonlinearity, G = 10
OUTPUT VOLTAGE (2V/DIV)
1167 G02
G = 10
RL = 2k
VOUT = ± 10V
Gain Nonlinearity, G = 100
OUTPUT VOLTAGE (2V/DIV)
G = 100
RL = 2k
VOUT = ±10V
1167 G03
Gain Nonlinearity, G = 1000
OUTPUT VOLTAGE (2V/DIV)
G = 1000
RL = 2k
VOUT = ±10V
1167 G04
Warm-Up Drift
TIME AFTER POWER ON (MINUTES)
0
10
12
S8
N8
14
34
1920 G09
8
6
12
5
4
2
0
VS = ±15V
TA = 25°C
G = 1
Gain Error vs Temperature
TEMPERATURE (
°C)
–50
– 0.20
– 0.10
– 0.05
0
50
0.20
1920 G06
– 0.15
0
–25
75
G = 1
25
100
0.05
0.10
0.15
VS = ±15V
VOUT = ±10V
RL = 2k
*DOES NOT INCLUDE
TEMPERATURE EFFECTS
OF R G
G = 10*
G = 1000*
G = 100*
FREQUENCY (Hz)
0.1
60
80
100
100
10k
1920 G14
40
20
0
110
1k
120
140
160
100k
G = 1000
G = 100
G = 10
G = 1
VS = ±15V
TA = 25°C
1k SOURCE
IMBALANCE
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
0.1
60
80
100
100
10k
1920 G15
40
20
0
110
1k
120
140
160
100k
G = 1000
G = 100
G = 10
G = 1
V + = 15V
TA = 25°C
Negative Power Supply Rejection
Ratio vs Frequency
COMMON MODE INPUT VOLTAGE (V)
–15
100
300
500
9
1920 G13
–100
– 300
0
200
400
– 200
– 400
– 500
–9
–3
3
–12
12
–6
0
6
15
–40
°C
85
°C
0
°C
70
°C
25
°C
Input Bias Current
vs Common Mode Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com