Electronic Components Datasheet Search
  English  ▼

X  

LT1932 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1932
Description  Constant-Current DC/DC LED Driver in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1932 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1932 Datasheet HTML 8Page - Linear Technology LT1932 Datasheet HTML 9Page - Linear Technology LT1932 Datasheet HTML 10Page - Linear Technology LT1932 Datasheet HTML 11Page - Linear Technology LT1932 Datasheet HTML 12Page - Linear Technology LT1932 Datasheet HTML 13Page - Linear Technology LT1932 Datasheet HTML 14Page - Linear Technology LT1932 Datasheet HTML 15Page - Linear Technology LT1932 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1932
TYPICAL APPLICATIO S
Li-Ion Driver for Four White LEDs
Efficiency
VIN
SW
D1
15mA
1932 TA10a
L1
6.8
µH
VIN
2.7V TO 4.2V
LT1932
SHDN
C1: TAIYO YUDEN JMK212BJ475
(408) 573-4150
C2: TAIYO YUDEN EMK212BJ105
(408) 573-4150
D1: ZETEX ZHCS400
(631) 543-7100
L1: PANASONIC ELJEA6R8
(714) 373-7334
61
4
RSET
1.50k
PWM
DIMMING
CONTROL
C1
4.7
µF
C2
1
µF
2
3
5
LED
RSET
GND
LED CURRENT (mA)
0
55
60
65
70
75
80
85
510
15
20
1932 TA10b
VIN = 4.2V
VIN = 2.7V
Li-Ion Driver for Five White LEDs
Efficiency
VIN
SW
D1
15mA
1932 TA11a
L1
4.7
µH
VIN
2.7V TO 4.2V
LT1932
SHDN
C1: TAIYO YUDEN JMK212BJ475
(408) 573-4150
C2: TAIYO YUDEN TMK316BJ105
(408) 573-4150
D1: ZETEX ZHCS400
(631) 543-7100
L1: MURATA LQH3C4R7M24
(814) 237-1431
61
4
RSET
1.50k
PWM
DIMMING
CONTROL
C1
4.7
µF
C2
1
µF
2
3
5
LED
RSET
GND
LED CURRENT (mA)
0
55
60
65
70
75
80
85
510
15
20
1932 TA11b
VIN = 4.2V
VIN = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com