Electronic Components Datasheet Search
  English  ▼

X  

LT3478 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3478
Description  4.5A Monolithic LED Drivers with True Color PWM Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3478 Datasheet(HTML) 2 Page - Linear Technology

  LT3478_15 Datasheet HTML 1Page - Linear Technology LT3478_15 Datasheet HTML 2Page - Linear Technology LT3478_15 Datasheet HTML 3Page - Linear Technology LT3478_15 Datasheet HTML 4Page - Linear Technology LT3478_15 Datasheet HTML 5Page - Linear Technology LT3478_15 Datasheet HTML 6Page - Linear Technology LT3478_15 Datasheet HTML 7Page - Linear Technology LT3478_15 Datasheet HTML 8Page - Linear Technology LT3478_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3478/LT3478-1
2
34781f
SW ............................................................................42V
VOUT, LED..................................................................42V
VIN, VS, VL, ⎯S⎯H⎯D⎯N (Note 5) .......................................36V
PWM.........................................................................15V
CTRL1, 2.....................................................................6V
SS, RT, VC, VREF, OVPSET............................................2V
Operating Junction Temperature Range
(Notes 2, 3, 4).................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 Sec).................. 300°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. SW = open, VIN = VS = L = VOUT = ⎯S⎯H⎯D⎯N = 2.7V, LED = open, SS = open,
PWM = CTRL1, CTRL2 = 1.25V, VREF = open, VC = open, RT = 31.6k.
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
17
SW
SW
VIN
VS
L
VOUT
LED
OVPSET
SS
RT
PWM
CTRL2
CTRL1
SHDN
VREF
VC
TJMAX = 125°C, θJA = 35°C/W
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB.
ORDER PART NUMBER
FE PART MARKING
LT3478EFE
LT3478EFE-1
LT3478IFE
LT3478IFE-1
3478FE
3478FE-1
3478FE
3478FE-1
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
(Rising)
●
2.4
2.8
V
Operational Input Voltage
VS
VIN (Note 5)
2.8
2.8
36
36
V
V
VIN Quiescent Current
VC = 0V (No Switching)
6.1
mA
VIN Shutdown Current
⎯S⎯H⎯D⎯N = 0V
3
6
µA
⎯S⎯H⎯D⎯N Pin Threshold (VSD_µp)
(Micropower)
●
0.1
0.4
0.7
V
⎯S⎯H⎯D⎯N Pin Threshold (VSD_UVLO)
(Switching)
1.3
1.4
1.5
V
⎯S⎯H⎯D⎯N Pin Current
⎯S⎯H⎯D⎯N = VSD_UVLO – 50mV
⎯S⎯H⎯D⎯N = VSD_UVLO + 50mV
810
0
12
µA
µA
VREF Voltage
I(VREF) = 0µA, VC = 0V
●
1.213
1.240
1.263
V
VREF Line Regulation
I(VREF) = 0µA, 2.7V < VIN < 36V
0.005
0.015
%/V
VREF Load Regulation
0 < I(VREF) < 100µA (Max)
8
12
mV
Frequency: fOSC 200kHz
RT = 200k
0.18
0.2
0.22
MHz
Frequency: fOSC 1MHz
RT = 31.6k
●
0.88
1.12
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com