Electronic Components Datasheet Search
  English  ▼

X  

LT1962 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1962
Description  300mA, Low Noise, Micropower LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1962 Datasheet(HTML) 3 Page - Linear Technology

  LT1962 Datasheet HTML 1Page - Linear Technology LT1962 Datasheet HTML 2Page - Linear Technology LT1962 Datasheet HTML 3Page - Linear Technology LT1962 Datasheet HTML 4Page - Linear Technology LT1962 Datasheet HTML 5Page - Linear Technology LT1962 Datasheet HTML 6Page - Linear Technology LT1962 Datasheet HTML 7Page - Linear Technology LT1962 Datasheet HTML 8Page - Linear Technology LT1962 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1962 Series
Load Regulation
LT1962-2.5
VIN = 3.5V, ∆ILOAD = 1mA to 300mA
5
12
mV
VIN = 3.5V, ∆ILOAD = 1mA to 300mA
q
25
mV
LT1962-3
VIN = 4V, ∆ILOAD = 1mA to 300mA
7
15
mV
VIN = 4V, ∆ILOAD = 1mA to 300mA
q
30
mV
LT1962-3.3
VIN = 4.3V, ∆ILOAD = 1mA to 300mA
7
17
mV
VIN = 4.3V, ∆ILOAD = 1mA to 300mA
q
33
mV
LT1962-5
VIN = 6V, ∆ILOAD = 1mA to 300mA
12
25
mV
VIN = 6V, ∆ILOAD = 1mA to 300mA
q
50
mV
LT1962 (Note 4)
VIN = 2.3V, ∆ILOAD = 1mA to 300mA
2
6
mV
VIN = 2.3V, ∆ILOAD = 1mA to 300mA
q
12
mV
Dropout Voltage
ILOAD = 10mA
0.10
0.15
V
VIN = VOUT(NOMINAL)
ILOAD = 10mA
q
0.21
V
(Notes 6, 7, 12)
ILOAD = 50mA
0.15
0.20
V
ILOAD = 50mA
q
0.28
V
ILOAD = 100mA
0.18
0.24
V
ILOAD = 100mA
q
0.33
V
ILOAD = 300mA
0.27
0.33
V
ILOAD = 300mA
q
0.43
V
GND Pin Current
ILOAD = 0mA
q
30
75
µA
VIN = VOUT(NOMINAL)
ILOAD = 1mA
q
65
120
µA
(Notes 6, 8)
ILOAD = 50mA
q
1.1
1.6
mA
ILOAD = 100mA
q
23
mA
ILOAD = 300mA
q
812
mA
Output Voltage Noise
COUT = 10µF, CBYP = 0.01µF, ILOAD = 300mA, BW = 10Hz to 100kHz
20
µVRMS
ADJ Pin Bias Current
(Notes 4, 9)
30
100
nA
Shutdown Threshold
VOUT = Off to On
q
0.8
2
V
VOUT = On to Off
q
0.25
0.65
V
SHDN Pin Current
VSHDN = 0V
0.01
0.5
µA
(Note 10)
VSHDN = 20V
1
5
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
0.1
1
µA
Ripple Rejection
VIN – VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
55
65
dB
ILOAD = 300mA
Current Limit
VIN = 7V, VOUT = 0V
700
mA
VIN = VOUT(NOMINAL) + 1V, ∆VOUT = – 0.1V
q
320
mA
Input Reverse Leakage Current
VIN = – 20V, VOUT = 0V
q
1mA
Reverse Output Current
LT1962-1.5
VOUT = 1.5V, VIN < 1.5V
10
20
µA
(Note 11)
LT1962-1.8
VOUT = 1.8V, VIN < 1.8V
10
20
µA
LT1962-2.5
VOUT = 2.5V, VIN < 2.5V
10
20
µA
LT1962-3
VOUT = 3V, VIN < 3V
10
20
µA
LT1962-3.3
VOUT = 3.3V, VIN < 3.3V
10
20
µA
LT1962-5
VOUT = 5V, VIN < 5V
10
20
µA
LT1962 (Note 4)
VOUT = 1.22V, VIN < 1.22V
5
10
µA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 3)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Absolute maximum input to output differential voltage cannot be
achieved with all combinations of rated IN pin and OUT pin voltages. With
the IN pin at 20V, the OUT pin may not be pulled below 0V. The total
measured voltage from in to out can not exceed
±20V.
Note 3: The LT1962 regulators are tested and specified under pulse load
conditions such that TJ ≈ TA. The LT1962 is 100% tested at TA = 25°C.
Performance at – 40
°C and 125°C is assured by design, characterization
and correlation with statistical process controls.
Note 4: The LT1962 (adjustable version) is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com