Electronic Components Datasheet Search
  English  ▼

X  

CW532-005F Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # CW532-005F
Description  Lasermodule
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CW532-005F Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  CW532-005F Datasheet HTML 1Page - Roithner LaserTechnik GmbH CW532-005F Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lasermodule CW532-005F
Specifications:
Wavelength
532 nm
Output Power
< 5 mW
Life Time (MTTF)
> 3000 hr
Dimenson
Ø 12x36 +/-0.5 mm
Beam Mode
TEM00
Operation Mode
CW
Beam Diameter
Adjustable
Min. , <4 mm @ 5 m
>20 mrad
Max., >10 cm @ 5 m
<1 mrad
Warm Up Time
< 3 sec.
Optimum Operation Temperatur
20-30 °C
Operation Current
< 300 mA
Input Voltage
2.3-3.2 VDC
Housing
Brass


Similar Part No. - CW532-005F

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CW532-005 ROITHNER-CW532-005 Datasheet
494Kb / 3P
Green DPSS Laser Module
CW532-005L ROITHNER-CW532-005L Datasheet
105Kb / 2P
Green Diode Pumped Solid State Laser Module
More results

Similar Description - CW532-005F

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DT650-2.5-3 ROITHNER-DT650-2.5-3 Datasheet
123Kb / 1P
LOW COST LASERMODULE
C2021-B1 ROITHNER-C2021-B1 Datasheet
139Kb / 1P
IR-LASERMODULE
C2021-C1 ROITHNER-C2021-C1 Datasheet
139Kb / 1P
IR-LASERMODULE
CW532 ROITHNER-CW532 Datasheet
106Kb / 2P
Lasermodule
CW532-100 ROITHNER-CW532-100 Datasheet
122Kb / 2P
Lasermodule
DT650-2-5-3 ROITHNER-DT650-2-5-3 Datasheet
123Kb / 1P
LOW COST LASERMODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com