Electronic Components Datasheet Search
  English  ▼

X  

DF005S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DF005S
Description  1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF005S Datasheet(HTML) 1 Page - Diodes Incorporated

  DF005S_15 Datasheet HTML 1Page - Diodes Incorporated DF005S_15 Datasheet HTML 2Page - Diodes Incorporated DF005S_15 Datasheet HTML 3Page - Diodes Incorporated DF005S_15 Datasheet HTML 4Page - Diodes Incorporated DF005S_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DF005S – DF10S
Document number: DS17001 Rev. 16 - 2
1 of 5
www.diodes.com
August 2013
© Diodes Incorporated
DF005S – DF10S
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
Glass Passivated Die Construction
Low Forward Voltage Drop, High Current Capability
Surge Overload Rating to 50A Peak
Designed for Surface Mount Application
UL Listed Under Recognized Component Index, File
Number E94661
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Mechanical Data
Case: DF-S
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Finish - Tin. Solderable per MIL-STD-202,
Method 208
Polarity: As Marked on Case
Weight: 0.38 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DFxS
DF-S
50 Per Tube
DFxS-T
DF-S
1500/Tape & Reel, 13-inch
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
DFxxxS = Product Type Marking Code,ex:DF10S
YWW = Date Code Marking
Y = Last digit of year (ex: 2 for 2012)
WW =Week code 01 to 52
Pb


Similar Part No. - DF005S_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
DF005S MARL-DF005S_15 Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
logo
GOOD-ARK Electronics
DF005S GOOD-ARK-DF005S_15 Datasheet
160Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
More results

Similar Description - DF005S_15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF005S DIODES-DF005S_1 Datasheet
88Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17001 Rev. 13 - 2
logo
Won-Top Electronics
DF005S WTE-DF005S_06 Datasheet
78Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
DONGGUAN YOU FENG WEI E...
FTB1F-ABF YFWDIODE-FTB1F-ABF Datasheet
482Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS05-1A ZSELEC-ABS05-1A Datasheet
91Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
ABS10A DIODES-ABS10A Datasheet
379Kb / 5P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 2
logo
Zibo Seno Electronic En...
S1WB05 ZSELEC-S1WB05 Datasheet
102Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B40C800DM ZSELEC-B40C800DM Datasheet
77Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com