Electronic Components Datasheet Search
  English  ▼

X  

TSF40L60C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSF40L60C
Description  Trench Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF40L60C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSF40L60C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF40L60C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF40L60C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF40L60C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF40L60C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: DS_D1412002
Version: B14
ITO-220AB
50 / Tube
TSF40L45C thru TSF40L60C
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
SUFFIX
PACKAGE
PACKING
TSF40L60C C0G
G
Green compound
TSF40L60C
C0
Note 1: "XX" defines voltage from 45V (TSF40L45C) to 60V (TSF40L60C)
EXAMPLE
PREFERRED
PART NO.
PACKING CODE
SUFFIX
DESCRIPTION
RATINGS AND CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
PART NO.
TSF40LXXC
(Note 1)
PART NO.
PACKING CODE
PACKING CODE
C0
G
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TSF40L45C
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=125oC
TJ=25oC
TJ=100oC
TJ=150oC
0
10
20
30
40
50
0
255075
100
125
150
FIG. 1 FORWARD CURRENT DERATING CURVE
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
CASE TEMPERATURE (oC)
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
TSF40L45C
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TSF40L60C
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125o
C
TJ=25oC
TJ=100oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com