Electronic Components Datasheet Search
  English  ▼

X  

LT1885CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1885CS
Description  Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1885CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1885CS Datasheet HTML 2Page - Linear Technology LT1885CS Datasheet HTML 3Page - Linear Technology LT1885CS Datasheet HTML 4Page - Linear Technology LT1885CS Datasheet HTML 5Page - Linear Technology LT1885CS Datasheet HTML 6Page - Linear Technology LT1885CS Datasheet HTML 7Page - Linear Technology LT1885CS Datasheet HTML 8Page - Linear Technology LT1885CS Datasheet HTML 9Page - Linear Technology LT1885CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1884/LT1885
6
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 0.7V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 4: The LT1884C/LT1885C and LT1884I/LT1885I are guaranteed
functional over the operating temperature range of – 40
°C to 85°C.
Note 5: The LT1884C/LT1885C are designed, characterized and expected
to meet specified performance from – 40
°C to 85°C but are not tested or
QA sampled at these temperatures. LT1884I is guaranteed to meet
specified performance from – 40
°C to 85°C.
Note 6: This parameter is not 100% tested.
Note 7: Matching parameters are the difference between amplifiers A and
B in the LT1884 and between amplifiers A and D and B and C in the
LT1885.
Note 8: This parameter is the difference between the two noninverting
input bias currents.
Note 9:
∆CMRR and ∆PSRR are defined as follows: CMRR and PSRR are
measured in
µV/V on each amplifier. The difference is calculated in µV/V
and then converted to dB.
ELECTRICAL CHARACTERISTICS
Distribution of Offset Voltage Drift
TYPICAL PERFOR A CE CHARACTERISTICS
OFFSET VOLTAGE DRIFT (
µV/°C)
–0.9 –0.7 –0.5 –0.3 –0.1 0.1 0.3 0.5 0.7 0.9
12
16
20
24
18845 G01
8
4
0
VS = ±15V
TEMPERATURE (
°C)
–50 –30 –10 10
30
50
70
90 110 125
50
100
150
200
18845 G02
0
–50
–100
–150
–200
TEMPCO: –55
°C TO 125°C
10 REPRESENTATIVE UNITS
ISINK
500
400
300
200
100
0
10
µA
1mA
10mA
18845 G03
100
µA
125
°C
–55
°C
25
°C
VS = ±15V
Input Offset Voltage
vs Temperature
VOUT vs ISOURCE
VOUT vs ISINK
ISOURCE
500
400
300
200
100
0
10
µA
1mA
10mA
18845 G04
100
µA
125
°C
VS = ±15V
–55
°C
25
°C
Gain vs Frequency
FREQUENCY (Hz)
140
120
100
80
60
40
20
0
–20
18845 G05
0.1
1
10
100
1k
10k 100k 1M 10M
VS = ±15V
Gain, Phase Shift vs Frequency
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
–10
–20
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
18845 G06
10k
100k
1M
10M
PHASE SHIFT
GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com