Electronic Components Datasheet Search
  English  ▼

X  

LT2178ACS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT2178ACS8
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2178ACS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT2178ACS8 Datasheet HTML 4Page - Linear Technology LT2178ACS8 Datasheet HTML 5Page - Linear Technology LT2178ACS8 Datasheet HTML 6Page - Linear Technology LT2178ACS8 Datasheet HTML 7Page - Linear Technology LT2178ACS8 Datasheet HTML 8Page - Linear Technology LT2178ACS8 Datasheet HTML 9Page - Linear Technology LT2178ACS8 Datasheet HTML 10Page - Linear Technology LT2178ACS8 Datasheet HTML 11Page - Linear Technology LT2178ACS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT2178/LT 2179
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 1196 7K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1996
Single Supply, 1kHz, 4th Order Butterworth Lowpass Filter
TYPICAL APPLICATION
R1
301k
50k
C1
1000pF
2178/79 TA04
VOUT
1
µF
R2
86k
VIN
50k
–
+
1/4
LT2179
–
+
1/4
LT2179
301k
121k
–
+
1/4
LT2179
C2
1000pF
1000pF
221k
1000pF
–
+
1/4
LT2179
3.3V
121k
12-BIT ACCURATE SIGNAL RANGE FROM 6mV TO 1.8V ON 3.3V SINGLE SUPPLY.
MAXIMUM OUTPUT OFFSET ERROR IS 448
µV.
FOR EACH 2ND ORDER SECTION:
WO
2 =
1
C1C2R1R2
R1 =
1
WOQC1
R2 =
Q
WOC2
+
FREQUENCY (kHz)
0.1
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
110
LT2178/79 • TA05
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LT1078/LT1079 Dual/Quad 55
µA Max, Single Supply Precision Op Amps
70
µV VOS Max and 2.5µV/°C Drift Max, 200kHz BBW,
0.07V/
µs Slew Rate, Input/Output Common Mode Includes Ground
LT1211/LT1212 14MHz, 7V/
µs Single Supply Dual and Quad Precision Op Amps 275µV VOS Max, 6µV/°C Drift Max Input Voltage Range Includes Ground
LT1490/LT1491 Dual/ Quad Micropower Rail-to-Rail Input and Output Op Amps Single Supply Input Range: –0.4V to 44V, Micropower 50
µA Amplifier,
Rail-to-Rail Input and Output, 200kHz GBW
LT2078/LT2079 Dual/Quad 55
µA Max, Single Supply Precision Op Amps
70
µV VOS Max and 2.5µV/°C Drift Max, 200kHz BBW,
0.07V/
µs Slew Rate, Input/Output Common Mode Includes Ground
Surface Mount Standard Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com