Electronic Components Datasheet Search
  English  ▼

X  

LT2078CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT2078CS8
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2078CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT2078CS8 Datasheet HTML 8Page - Linear Technology LT2078CS8 Datasheet HTML 9Page - Linear Technology LT2078CS8 Datasheet HTML 10Page - Linear Technology LT2078CS8 Datasheet HTML 11Page - Linear Technology LT2078CS8 Datasheet HTML 12Page - Linear Technology LT2078CS8 Datasheet HTML 13Page - Linear Technology LT2078CS8 Datasheet HTML 14Page - Linear Technology LT2078CS8 Datasheet HTML 15Page - Linear Technology LT2078CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT2078/LT 2079
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 1096 7K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1996
Platinum RTD Signal Conditioner with Curvature Correction
–
+
3
2
1
8
4
1/2 LT2078
LT1004-1.2
6
5
7
1/2 LT2078
13k*
12.3k*
1k**
1k**
1k**
RP
1k AT
0
°C
43.2k**
1.21M*
(SELECT AT 110
°C)
5k
220
°C
TRIM
1
µF
10k*
50k
5
°C
TRIM
1
µF
0.02V TO 2.2VOUT =
2
°C TO 220°C ±0.1°C
3V (LITHIUM)
RP
**
*
= ROSEMOUNT 118MF
= TRW MAR-6 0.1%
= 1% METAL FILM
LT2078/79 • TA14
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LT1178/LT1179 Dual/Quad 17
µA Max, Single Supply Precision Op Amps
70
µV VOS Max and 2.5µV/°C Drift Max, 85kHz GBW, 0.04V/µs Slew
Rate, Input/Output Common Mode Includes Ground
LT1211/LT1212 14MHz, 7V/
µs Single Supply Dual and Quad Precision Op Amps 275µV VOS Max, 6µV/°C Drift Max Input Voltage Range Includes Ground
LT1490/LT1491 Dual/ Quad Micropower Rail-to-Rail Input and Output Op Amps Single Supply Input Range: –0.4V to 44V, Micropower 50
µA Amplifier,
Rail-to-Rail Input and Output, 200kHz GBW
LT2178/LT2179 Dual/Quad 17
µA Max, Single Supply Precision Op Amps
SO-8 and 14-Lead Standard Pinout, 70
µV VOS Max, 85kHz GBW
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com