Electronic Components Datasheet Search
  English  ▼

X  

LT2079AC Datasheet(PDF) 7 Page - Linear Technology

Part # LT2079AC
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2079AC Datasheet(HTML) 7 Page - Linear Technology

Back Button LT2079AC Datasheet HTML 3Page - Linear Technology LT2079AC Datasheet HTML 4Page - Linear Technology LT2079AC Datasheet HTML 5Page - Linear Technology LT2079AC Datasheet HTML 6Page - Linear Technology LT2079AC Datasheet HTML 7Page - Linear Technology LT2079AC Datasheet HTML 8Page - Linear Technology LT2079AC Datasheet HTML 9Page - Linear Technology LT2079AC Datasheet HTML 10Page - Linear Technology LT2079AC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT 2078/LT 2079
TYPICAL PERFORMANCE CHARACTERISTICS
Voltage Gain vs Load Resistance
LOAD RESISTANCE TO GROUND (
Ω)
100
100k
1M
10M
10k
100k
1k
1M
LT2078/79 • TPC14
25
°C
–55
°C
125
°C
25
°C
–55
°C
125
°C
VS = ±15V
VS = 5V, 0V
Capacitive Load Handling
Gain, Phase vs Frequency
FREQUENCY (kHz)
30
30
20
10
0
–10
100
300
LTC2078/79 TPC12
100
120
140
160
180
200
10
1000
PHASE
MARGIN
58
°
PHASE
MARGIN
46
°
5V, 0V
±15V
±15V
5V, 0V
Voltage Gain vs Frequency
FREQUENCY (Hz)
0.01
1M
LT2078/79 • TPC13
1
100
10k
140
120
100
80
60
40
20
0
–20
0.1
10
1k
100k
VS = ±15V
VS = 5V, 0V
TA = 25°C
Slew Rate, Gain Bandwidth Product
and Phase Margin vs Temperature
TEMPERATURE (
°C)
–50
0.12
0.10
0.08
0.06
0.04
240
220
200
180
160
75
65
55
45
0
50
75
LT2078/79 • TPC15
–25
25
100
125
SLEW =
±15V
GBW =
±15V
GBW = 5V, 0V
SLEW = 5V, 0V
φM = ±15V
φM = 5V, 0V
fO = 20kHz
Channel Separation vs Frequency
FREQUENCY (Hz)
1
120
100
80
60
40
20
0
10
100
1k
10k
LT2078/79 • TPC16
100k
1M
TA = 25°C
VS = ±2.5V
VIN = 3VP-P
RL = 10k
CAPACITIVE LOAD (pF)
10
120
100
80
60
40
20
0
10000
LT2078/79 • TPC17
1000
100
TA = 25°C
VS = 5V, 0V
AV = 1
AV = 10
AV = 5
Power Supply Rejection Ratio
vs Frequency
Undistorted Output Swing
vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10
100
1k
10k
100k
LT2078/79 • TPC19
1M
TA = 25°C
120
100
80
60
40
20
0
VS = ±15V
VS = 5V, 0V
FREQUENCY (kHz)
0.01
30
20
10
0
5
4
3
2
1
0
100
LT2078/79 • TPC18
110
VS = 5V, 0V
RL ≥ 100k
VS = ±15V
RL ≥ 100k
VS = ±15V
RL = 30k
VS = 5V, 0V
RL ≥ 1k
TA = 25°C
LOAD RL,
TO GND
FREQUENCY (Hz)
0.1
120
100
80
60
40
20
0
100
10k
LT2078/79 • TPC20
110
1k
100k
1M
TA = 25°C
VS = ±2.5V + 1VP-P SINE WAVE
POSITIVE
SUPPLY
NEGATIVE
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com