Electronic Components Datasheet Search
  English  ▼

X  

LTC1045 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1045
Description  Programmable Micropower Hex Translator/ Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1045 Datasheet HTML 10Page - Linear Technology LTC1045 Datasheet HTML 11Page - Linear Technology LTC1045 Datasheet HTML 12Page - Linear Technology LTC1045 Datasheet HTML 13Page - Linear Technology LTC1045 Datasheet HTML 14Page - Linear Technology LTC1045 Datasheet HTML 15Page - Linear Technology LTC1045 Datasheet HTML 16Page - Linear Technology LTC1045 Datasheet HTML 17Page - Linear Technology LTC1045 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1045
TYPICAL APPLICATIONS
LED Driver
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
IN1
IN2
IN3
IN4
IN5
IN6
VTRIP2
VTRIP1
V–
19
18
17
16
15
14
2
3
4
5
6
7
8
9
1045 TA14
LTC1045
13
12
11
20
10
1
100
Ω
REF LED
V+
5V TO 15V
V+
DIS
ISET
VOL
VOH
V+
100k
TO LEDs
LOW TURNS
LED ON
–
+
358
5V
2N2905
(USE HEAT SINK)
2N2222
R
(ADJUSTS LED CURRENT)
REGULATES
LED CURRENT
≈ 1.5V
≈ 1.5V
7
1
8
4
6
5
3
2
358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com