Electronic Components Datasheet Search
  English  ▼

X  

IC-WK2D Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # IC-WK2D
Description  LASERDIODE DRIVER PCB for n-type laser diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

IC-WK2D Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  IC-WK2D Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
iC-WK2D
LASERDIODE DRIVER PCB for n-type laser diodes
TECHNICAL DATA:
• dimension: 6.5 x 20.0 mm²
• supply voltage: min. 2.4 - 6.0 VDC
• laserdiode current up to 60 mA
• laser diode constant power regulation
• monitor photo diode current: 10 µA ... 2.5 mA
• laserdiode optical power adjustable
• laser diode soft start circuit
• supply voltage transient suppression circuit
• laserdiode optical power independent from supply voltage
• low noise
LASERDIODE PINNING:
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 VIENNA, SCHOENBRUNNER STRASSE 7, AUSTRIA
TEL: +43 -1- 586 52 43-0 FAX: +43 -1- 586 52 43-44
office@roithner-laser.com
www.roithner-laser.com
1) laserdiode cathode
2) laserdiode anode and
photodiode cathode
3) photodiode anode
GND
(supply voltage – )
Ub
(supply voltage + )
laserdiode optical power adjustment
turn left = more power
photo diode anode
laser diode cathode
laser diode anode
photo diode cathode
shunt this 4k7 resitor for higher monitor currents


Similar Part No. - IC-WK2D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
logo
Laser Components
IC-WK LASER-COMPONENTS-IC-WK Datasheet
446Kb / 6P
iC-WK BMST WK2D PACKAGE SPECIFICATION
03/09 Rev B1
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
ordering information
logo
IC-Haus GmbH
IC-WKEVALWK4D ICHAUS-IC-WKEVALWK4D Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
IC-WKICSYWK1D ICHAUS-IC-WKICSYWK1D Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
More results

Similar Description - IC-WK2D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IR3CO1 SHARP-IR3CO1 Datasheet
264Kb / 4P
Laser Diodes Driver IC
IR3C01 SHARP-IR3C01 Datasheet
268Kb / 4P
Laser Diodes Driver IC
logo
Roithner LaserTechnik G...
EU-38-1 ROITHNER-EU-38-1 Datasheet
63Kb / 1P
LASERDIODE DRIVER
logo
IC-Haus GmbH
IC-NZN ICHAUS-IC-NZN Datasheet
729Kb / 16P
N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN_11 Datasheet
819Kb / 17P
N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN_12 Datasheet
818Kb / 17P
N-TYPE LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
NZNQFN24 ROITHNER-NZNQFN24 Datasheet
770Kb / 17P
N-TYPE LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-NZN ICHAUS-IC-NZN_14 Datasheet
770Kb / 17P
N-TYPE LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
SPL-COAX ROITHNER-SPL-COAX Datasheet
207Kb / 1P
Heat Sink for SPL type coaxial laser diodes
logo
Maxim Integrated Produc...
MAX3600 MAXIM-MAX3600_V01 Datasheet
2Mb / 23P
Laser Driver for Projectors
2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com