Electronic Components Datasheet Search
  English  ▼

X  

UPD75512GF Datasheet(PDF) 2 Page - NEC

Part # UPD75512GF
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75512GF Datasheet(HTML) 2 Page - NEC

  UPD75512GF Datasheet HTML 1Page - NEC UPD75512GF Datasheet HTML 2Page - NEC UPD75512GF Datasheet HTML 3Page - NEC UPD75512GF Datasheet HTML 4Page - NEC UPD75512GF Datasheet HTML 5Page - NEC UPD75512GF Datasheet HTML 6Page - NEC UPD75512GF Datasheet HTML 7Page - NEC UPD75512GF Datasheet HTML 8Page - NEC UPD75512GF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
µPD75512(A)
2
Electrical
Specifications
Item
Product
ORDERING INFORMATION
Part Number
Package
Quality Grade
µPD75512GF(A)-xxx-3B9
80-pin plastic QFP
Special
(14
× 20mm)
Remarks: xxx is ROM code number.
Please refer to “Quality Grade on NEC Semiconductor Devices” (Document number IEI-1209) published by NEC
Corporation to know the specification of quality grade on the devices and its recommended applications.
Difference between
µPD75512(A) and µPD75512
µPD75512(A)
µPD75512
Quality Grade
Special
Standard
Absolute Maximum Ratings
Differ in high-level and low-level output current
DC Characteristics
Differ in low-level output voltage
A/D Converter Characteristics
Differ in ambient temperature range and absolute accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com