Electronic Components Datasheet Search
  English  ▼

X  

BYV26C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYV26C
Description  Ultra-Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV26C Datasheet(HTML) 2 Page - Vishay Siliconix

  BYV26C Datasheet HTML 1Page - Vishay Siliconix BYV26C Datasheet HTML 2Page - Vishay Siliconix BYV26C Datasheet HTML 3Page - Vishay Siliconix BYV26C Datasheet HTML 4Page - Vishay Siliconix BYV26C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYV26A, BYV26B, BYV26C, BYV26D, BYV26E
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 04-Sep-12
2
Document Number: 86040
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 C, unless otherwise specified)
Fig. 1 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 2 - Max. Reverse Current vs. Junction Temperature
Fig. 3 - Max. Average Forward Current vs. Ambient Temperature
Fig. 4 - Max. Reverse Current vs. Junction Temperature
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 1 A
VF
--
2.5
V
IF = 1 A, Tj = 175 °C
VF
--
1.3
V
Reverse current
VR = VRRM
IR
--
5
μA
VR = VRRM, Tj = 150 °C
IR
-
-
100
μA
Reverse breakdown voltage
IR = 100 μA
BYV26A
V(BR)R
300
-
-
V
BYV26B
V(BR)R
500
-
-
V
BYV26C
V(BR)R
700
-
-
V
BYV26D
V(BR)R
900
-
-
V
BYV26E
V(BR)R
1100
-
-
V
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
BYV26A
trr
-
-
30
ns
BYV26B
trr
-
-
30
ns
BYV26C
trr
-
-
30
ns
BYV26D
trr
-
-
75
ns
BYV26E
trr
-
-
75
ns
040
80
120
160
0
100
200
300
400
600
Tj - Junction Temperature (°C)
200
959728
500
V
R = VRRM
200 V
1000 V
400 V
600 V
800 V
R
thJA = 45 K/W
R
thJA = 100 K/W
040
80
120
160
200
959729
1
10
100
1000
Tj - Junction Temperature (°C)
V
R = VRRM
0.1
040
80
120
160
0
0.2
0.4
0.6
0.8
1.2
Tamb - Ambient Temperature (°C)
200
959730
1.0
R
thJA = 45 K/W
R
thJA = 100 K/W
0.001
0.01
0.1
1
10
959731
VF - Forward Voltage (V)
T
j = 175 °C
1
02
3
4
5
6
7
T
j = 25 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com