Electronic Components Datasheet Search
  English  ▼

X  

FGF1B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FGF1B
Description  Surface Mount Glass Passivated Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FGF1B Datasheet(HTML) 1 Page - Vishay Siliconix

  FGF1B Datasheet HTML 1Page - Vishay Siliconix FGF1B Datasheet HTML 2Page - Vishay Siliconix FGF1B Datasheet HTML 3Page - Vishay Siliconix FGF1B Datasheet HTML 4Page - Vishay Siliconix FGF1B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EGF1A, EGF1B, EGF1C, EGF1D
www.vishay.com
Vishay General Semiconductor
Revision: 16-Aug-13
1
Document Number: 88579
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Glass Passivated Ultrafast Rectifier
FEATURES
• Superectifier structure for high reliability condition
• Cavity-free glass-passivated junction
• Ideal for automated placement
• Ultrafast reverse recovery time
• Low switching losses, high efficiency
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Meets MSL level 1, per J-STD-020, LF maximum peak of
250 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer, automotive and telecommunication.
MECHANICAL DATA
Case: DO-214BA, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
50 V, 100 V, 150 V, 200 V
IFSM
30 A
trr
50 ns
VF
1.0 V
TJ max.
175 °C
Package
DO-214BA (GF1)
Diode variations
Single die
DO-214BA (GF1)
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
EGF1A
EGF1B
EGF1C
EGF1D
UNIT
Device marking code
EA
EB
EC
ED
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward rectified current at TL = 125 °C
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C


Similar Part No. - FGF1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGF1 ETC-FGF1 Datasheet
2Mb / 52P
Industrial Control and General purpose enclosed Transformers
More results

Similar Description - FGF1B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
EGL34A SEMTECH_ELEC-EGL34A Datasheet
337Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Vishay Siliconix
BYM07-50 VISHAY-BYM07-50_11 Datasheet
84Kb / 4P
Surface Mount Glass Passivated Ultrafast Rectifier
15-Mar-11
EGF1A VISHAY-EGF1A_11 Datasheet
82Kb / 4P
Surface Mount Glass Passivated Ultrafast Rectifier
15-Mar-11
EGF1T VISHAY-EGF1T_11 Datasheet
82Kb / 4P
Surface Mount Glass Passivated Ultrafast Rectifier
15-Mar-11
logo
Shenzhen Luguang Electr...
BYM07-50 LUGUANG-BYM07-50 Datasheet
328Kb / 2P
Surface Mount Glass Passivated Ultrafast Rectifier
logo
Shenzhen Taychipst Elec...
EGF1T TAYCHIPST-EGF1T Datasheet
2Mb / 2P
Surface Mount Glass Passivated Ultrafast Rectifier
logo
Shenzhen Luguang Electr...
EGL34D LUGUANG-EGL34D Datasheet
105Kb / 2P
Surface Mount Glass Passivated Ultrafast Rectifier
EGL34F LUGUANG-EGL34F Datasheet
105Kb / 2P
Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-XXX VISHAY-BYM07-XXX Datasheet
84Kb / 4P
Surface Mount Glass Passivated Ultrafast Rectifier
11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
Surface Mount Glass Passivated Ultrafast Rectifier
11-Dec-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com