Electronic Components Datasheet Search
  English  ▼

X  

UPD75402 Datasheet(PDF) 2 Page - NEC

Part # UPD75402
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402 Datasheet(HTML) 2 Page - NEC

  UPD75402 Datasheet HTML 1Page - NEC UPD75402 Datasheet HTML 2Page - NEC UPD75402 Datasheet HTML 3Page - NEC UPD75402 Datasheet HTML 4Page - NEC UPD75402 Datasheet HTML 5Page - NEC UPD75402 Datasheet HTML 6Page - NEC UPD75402 Datasheet HTML 7Page - NEC UPD75402 Datasheet HTML 8Page - NEC UPD75402 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
µPD75402A(A)
DIFFERENCES BETWEEN THE
µPD75402A(A) AND µPD75402A
FUNCTIONAL OVERVIEW
Special
Standard
Item
Quality grade
Product
µPD75402A(A)
µPD75402A
Function
37
•
0.95, 1.91, or 15.3
µs (when operating at 4.19 MHz)
•
Switchable among three speeds
1920
× 8 bits
64
× 4 bits
4 bits
× 4 or 8 bits × 2 (memory mapping)
•
CMOS input ports
:
6 lines
•
CMOS I/O ports
: 12 lines (8 lines can drive the LED directly.)
•
N-ch open-drain I/O ports :
4 lines (All lines can drive the LED directly.)
•
Capable of controlling the incorporation of 16 pull-up resistors by software
•
Capable of controlling the incorporation of 4 pull-up resistors by mask option
•
1.05 MHz, 524 kHz, or 65.5 kHz (when operating at 4.19 MHz)
•
Applicable to remote controller output
8-bit basic interval timer (watchdog timer applicable)
•
8 bits
•
Two transfer modes (three-wire synchronous mode and SBI mode)
One external and two internal interrupts
One external input (See Chapter 6 for details.)
STOP/HALT mode
•
Bit manipulation instructions (set, clear, test, and Boolean operation)
•
1-byte relative branch instructions
•
4-bit operation instructions (add, Boolean operation, and compare)
•
4- and 8-bit transfer instructions
•
28-pin plastic DIP (600 mil)
•
28-pin plastic shrink DIP (400 mil)
•
44-pin plastic QFP (10
× 10 mm)
Item
Number of basic
instructions
Minimum instruction
execution time
ROM
RAM
General register
I/O line
Pull-up resistor
Clock output
Timer/counter
Serial interface
Vectored interrupt
Test input
Standby
Instruction set
Package
Built-in
memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com