Electronic Components Datasheet Search
  English  ▼

X  

UPD754302GS Datasheet(PDF) 65 Page - NEC

Part # UPD754302GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754302GS Datasheet(HTML) 65 Page - NEC

Back Button UPD754302GS Datasheet HTML 61Page - NEC UPD754302GS Datasheet HTML 62Page - NEC UPD754302GS Datasheet HTML 63Page - NEC UPD754302GS Datasheet HTML 64Page - NEC UPD754302GS Datasheet HTML 65Page - NEC UPD754302GS Datasheet HTML 66Page - NEC UPD754302GS Datasheet HTML 67Page - NEC UPD754302GS Datasheet HTML 68Page - NEC UPD754302GS Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
µPD754302, 754304, 754302(A), 754304(A)
65
APPENDIX A. COMPARISON OF FUNCTIONS AMONG
µPD750004, 754304, AND 75P4308
Item
µPD750004
µPD754304
µPD75P4308
Program memory
Mask ROM
Mask ROM
One-time PROM
0000H-0FFFH
0000H-0FFFH
0000H-1FFFH
(4096
× 8 bits)
(4096
× 8 bits)
(8192
× 8 bits)
Data memory
000H-1FFH (512
× 4 bits)
000H-0FFH (256
× 4 bits)
CPU
75XL CPU
Instruction
w/main system clock
• 0.67, 1.33, 2.67, or 10.7
µs (at 6.0 MHz)
execution
• 0.95, 1.91, 3.81, or 15.3
µs (at 4.19 MHz)
time
w/subsystem clock
• 122
µs (at 32.768 kHz)
No subsystem clock
I/O port
CMOS input
8 (of which 7 can be connected with on-chip pull-up resistor via software)
CMOS I/O
18 (on-chip pull-up resistor can be connected via software)
N-ch open-drain I/O
8 (pull-up resistor can be
4 (pull-up resistor can be
4 (no mask option)
(withstand 13 V)
connected by mask option)
connected by mask option)
Total
34
30 (no port 4 pins)
Timer
4 channels
3 channels
• Basic interval timer/
• Basic interval timer/watchdog timer
watchdog timer
• 8-bit timer/event counter 0 (fX/22 added)
• 8-bit timer/event counter
• 8-bit timer/event counter 1 (TI1, fX/22 added)
• 8-bit timer
(can be used as 16-bit timer/event counter)
• Watch timer
Clock output (PCL)
•
Φ, 524, 262, or 65.5 kHz
(main system clock: 4.19 MHz)
•
Φ, 750, 375, or 93.8 kHz
(main system clock: 6.0 MHz)
BUZ output
Provided
None
Serial interface
3 modes are supported
2 modes are supported
• 3-wire serial I/O mode
• 3-wire serial I/O mode ··· MSB/LSB first selectable
··· MSB/LSB first
• 2-wire serial I/O mode
selectable
• 2-wire serial I/O mode
• SBI mode
Watch mode register (WM)
Provided
None
System clock control register
(SCC)
Suboscillation circuit control
register (SOS)
MBS register
MB0, 1
MB0 only
Stack area (SBS1, 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com