Electronic Components Datasheet Search
  English  ▼

X  

LTC1061ACN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1061ACN
Description  High Performance Triple Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1061ACN Datasheet(HTML) 2 Page - Linear Technology

  LTC1061ACN Datasheet HTML 1Page - Linear Technology LTC1061ACN Datasheet HTML 2Page - Linear Technology LTC1061ACN Datasheet HTML 3Page - Linear Technology LTC1061ACN Datasheet HTML 4Page - Linear Technology LTC1061ACN Datasheet HTML 5Page - Linear Technology LTC1061ACN Datasheet HTML 6Page - Linear Technology LTC1061ACN Datasheet HTML 7Page - Linear Technology LTC1061ACN Datasheet HTML 8Page - Linear Technology LTC1061ACN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1061
PACKAGE/ORDER I FOR ATIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage ....................................................... 18V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1061AC, LTC1061C ............ –40
°C ≤ TA ≤ 85°C
LTC1061AM, LTC1061M ......... –55
°C ≤ TA ≤ 125°C
Storage Temperature Range ................ –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
1
2
3
4
5
6
7
8
9
10
TOP VIEW
J PACKAGE
20-LEAD CERAMIC DIP
N PACKAGE
20-LEAD PLASTIC DIP
20
19
18
17
16
15
14
13
12
11
LPA
BPA
NA
INVA
S1A
AGND
50/100/HOLD
CLK
LSh
V+
LPB
BPB
NB
INVB
S1B
V –
LPC
BPC
HPC
INVC
S PACKAGE
20-LEAD PLASTIC SOL
LTC1061AMJ
LTC1061MJ
LTC1061ACJ
LTC1061CJ
LTC1061ACN
LTC1061CN
LTC1061CS
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 100°C/W (J)
TJMAX = 100°C, θJA = 100°C/W (N)
TJMAX = 100°C, θJA = 85°C/W (S)
Consult factory for Industrial grade parts
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Center Frequency Range, fO
fO × Q ≤ 175kHz, Mode 1, VS = ±7.5V
0.1–35k
Hz
fO × Q ≤ 1.6MHz, Mode 1, VS = ±7.5V
0.1–25k
Hz
fO × Q ≤ 75kHz, Mode 3, VS = ±7.5V
0.1–25k
Hz
fO × Q ≤ 1MHz, Mode 3, VS = ±7.5V
0.1–17k
Hz
Input Frequency Range
0–200k
Hz
Clock-to-Center Frequency Ratio, fCLK/fO
Sides A, B: Mode 1, R1 = R3 = 50k
LTC1061A
R2 = 5k, Q = 10, fCLK = 250kHz
q
50
±0.6%
LTC1061
Pin 7 High.
q
50
±1.2%
Side C: Mode 3, R1 = R3 = 50k
R2 = R4 = 5k, fCLK = 250kHz
LTC1061A
Same as Above, Pin 7 at
q
100
±0.6%
LTC1061
Mid-Supplies, fCLK = 500kHz
q
100
±1.2%
Clock-to-Center Frequency Ratio,
Side-to-Side Matching
LTC1061
1.2%
Q Accuracy
Sides A, B, Mode 1
LTC1061A
Side C, Mode 3
q
± 25
%
LTC1061
fO × Q ≤ 50kHz, fO × ≤ 5kHz
q
±35
%
fO Temperature Coefficient
Mode 1, 50:1, fCLK < 300kHz
±1ppm/°C
Q Temperature Coefficient
Mode 1, 100:1, fCLK < 500kHz
±5ppm/°C
Mode 3, fCLK < 500kHz
±5ppm/°C
ELECTRICAL C
C
HARA TERISTICS
(Complete Filter)VS = ±5V, TA = 25°C, T
2L clock input level, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com