Electronic Components Datasheet Search
  English  ▼

X  

TSS42L Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSS42L
Description  Surface Mount Schottky
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSS42L Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSS42L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSS42L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSS42L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSS42L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
- Designed for mounting on small surface
- Extremely thin / leadless package
- Low capacitance
- Low forward voltage drop
- Packing code with suffix "G" means
green compound (halogen-free)
MECHANICAL DATA
- Case: 1005
- Terminal: Gold plated, solderable per
MIL-STD-750, method 2026
- Polarity: Indicated by cathode band
- Weight: 6 mg (approximately)
- Marking code:
TSS42L: BD
TSS43L: BE
VRRM
V
VR
V
VR(RMS)
V
IO
mA
IFRM
A
Pd
mW
Forward Voltage
TSS42L/43L IF = 200 mA
TSS42L
IF = 10 mA
TSS42L
IF = 50 mA
TSS43L
IF = 2 mA
TSS43L
IF = 15 mA
IR
μA
TJ
oC
TSTG
oC
Document Number: DS_S1411010
Version: C14
Storage Temperature
-55 to + 125
-55 to + 125
5
10
pF
Reverse Recovery Time
( IF=IR=10mA, Irr=0.1×IR, RL=100Ω)
trr
ns
Junction Temperature
Reverse Leakage Current
VR = 25 V
Typical Capacitance Between Terminals
( VR=1V, f=1.0MHz )
CJ
mA
Power Dissipation
VF
V
0.5
0.45
Average Forward Current
Repetitive Peak Forward Current
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rate Load
IFSM
Repetitive Peak Reverse Voltage
Reverse Voltage
RMS Reverse Voltage
0.33
0.65
0.40
1.00
200
400
0.5
200
21
30
30
1005
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
TSS42L/TSS43L
Taiwan Semiconductor
Surface Mount Schottky
FEATURES


Similar Part No. - TSS42L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS42L TSC-TSS42L Datasheet
72Kb / 2P
0.2Amp Surface Mount Schottky Barrier
More results

Similar Description - TSS42L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS40L TSC-TSS40L_14 Datasheet
175Kb / 4P
Surface Mount Schottky
TSS54L TSC-TSS54L_14 Datasheet
178Kb / 4P
Surface Mount Schottky
TSS70L TSC-TSS70L_14 Datasheet
179Kb / 4P
Surface Mount Schottky
TSS0340L TSC-TSS0340L_14 Datasheet
175Kb / 4P
Surface Mount Schottky
logo
Microdiode Semiconducto...
DLSS22 CHENDA-DLSS22 Datasheet
732Kb / 2P
SURFACE MOUNT SCHOTTKY
logo
Diode Semiconductor Kor...
SK12B DSK-SK12B Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY
SK22A DSK-SK22A Datasheet
174Kb / 2P
SURFACE MOUNT SCHOTTKY
SMS120 DSK-SMS120 Datasheet
220Kb / 2P
SURFACE MOUNT SCHOTTKY
SS22A DSK-SS22A Datasheet
188Kb / 2P
SURFACE MOUNT SCHOTTKY
SS32A DSK-SS32A Datasheet
298Kb / 2P
SURFACE MOUNT SCHOTTKY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com