Electronic Components Datasheet Search
  English  ▼

X  

TSS54L Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSS54L
Description  Surface Mount Schottky
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSS54L Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSS54L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSS54L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSS54L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSS54L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
- Designed for mounting on small surface
- Extremely thin / leadless package
- Low capacitance
- Low forward voltage drop
- Packing code with suffix "G" means
green compound (halogen-free)
MECHANICAL DATA
- Case: 1005
- Terminal: Gold plated, solderable per
MIL-STD-750, method 2026
- Polarity: Indicated by cathode band
- Weight: 6 mg (approximately)
- Marking code: BF
VRRM
V
VR
V
VR(RMS)
V
IO
mA
IFRM
A
Pd
mW
IF = 0.1 mA
IF = 1 mA
IF = 10 mA
IF = 30 mA
IF = 100 mA
IR
μA
TJ
oC
TSTG
oC
Document Number: DS_S1411012
Version: C14
Junction Temperature
Storage Temperature
-65 to +125
-65 to +125
Typical Capacitance Between Terminals
VR = 1 V , f = 1.0 MHz Reverse Voltage
CJ
pF
Reverse Recovery Time
trr
ns
( IF= IR= 10mA, IRR= 0.1×IR, RL=100Ω )
Reverse Leakage Current
VR = 25 V
Power Dissipation
Forward Voltage
VF
V
Repetitive Peak Forward Current
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rate Load
IFSM
mA
600
0.3
Repetitive Peak Reverse Voltage
Reverse Voltage
RMS Reverse Voltage
5
10
2
1.00
0.50
0.40
0.32
0.24
200
200
21
30
30
1005
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
TSS54L
Taiwan Semiconductor
Surface Mount Schottky
FEATURES
Average Forward Current


Similar Part No. - TSS54L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS54L TSC-TSS54L Datasheet
72Kb / 2P
0.2Amp Surface Mount Schottky Barrier
More results

Similar Description - TSS54L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS40L TSC-TSS40L_14 Datasheet
175Kb / 4P
Surface Mount Schottky
TSS42L TSC-TSS42L_14 Datasheet
174Kb / 4P
Surface Mount Schottky
TSS70L TSC-TSS70L_14 Datasheet
179Kb / 4P
Surface Mount Schottky
TSS0340L TSC-TSS0340L_14 Datasheet
175Kb / 4P
Surface Mount Schottky
logo
Microdiode Semiconducto...
DLSS22 CHENDA-DLSS22 Datasheet
732Kb / 2P
SURFACE MOUNT SCHOTTKY
logo
Diode Semiconductor Kor...
SK12B DSK-SK12B Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY
SK22A DSK-SK22A Datasheet
174Kb / 2P
SURFACE MOUNT SCHOTTKY
SMS120 DSK-SMS120 Datasheet
220Kb / 2P
SURFACE MOUNT SCHOTTKY
SS22A DSK-SS22A Datasheet
188Kb / 2P
SURFACE MOUNT SCHOTTKY
SS32A DSK-SS32A Datasheet
298Kb / 2P
SURFACE MOUNT SCHOTTKY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com