Electronic Components Datasheet Search
  English  ▼

X  

TSS70U Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSS70U
Description  Surface Mount Schottky Barrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSS70U Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSS70U Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSS70U Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSS70U Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSS70U Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S1412030
Version: B14
TSS70U
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage (V)
Fig.1 Forward Characteristics
125゚C
75゚C
25゚C
0゚C
-40゚C
0.0001
0.001
0.01
0.1
1
10
100
0
10
203040
506070
Reverse Voltage (V)
Fig. 2 Reverse Characteristics
125゚C
75゚C
25゚C
0゚C
-40゚C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
5
10
15
20
25
30
35
40
Reverse Voltage (V)
Fig. 3 Capacitance Between Terminals Characteristics
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature (oC)
Fig. 4 Current Derating Curve
Mounting on glass epoxy PCBs
f=1MHz
TA=25oC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com