Electronic Components Datasheet Search
  English  ▼

X  

SE20AFB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SE20AFB
Description  Surface Mount ESD Capability Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SE20AFB Datasheet(HTML) 4 Page - Vishay Siliconix

  SE20AFB Datasheet HTML 1Page - Vishay Siliconix SE20AFB Datasheet HTML 2Page - Vishay Siliconix SE20AFB Datasheet HTML 3Page - Vishay Siliconix SE20AFB Datasheet HTML 4Page - Vishay Siliconix SE20AFB Datasheet HTML 5Page - Vishay Siliconix SE20AFB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SE20AFB thru SE20AFJ
www.vishay.com
Vishay General Semiconductor
Revision: 20-Nov-13
4
Document Number: 89954
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Thermal Resistance Junction to Ambient vs. Copper Pad Areas
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Copper Pad Areas (cm2)
0
20
40
60
80
100
120
140
0.0
2.0
4.0
6.0
8.0
10.0
Scu (cm2)
Epoxy printed
circiut board FR4
copper
thickness = 70 μm
DO-221AC (SlimSMA)
Cathode Band
0.106 (2.70)
0.098 (2.50)
0.047 (1.20)
0.030 (0.75)
0.047 (1.20)
MIN.
0.047 (1.20)
MIN.
0.123 (3.12) MAX.
0.217 (5.52) REF.
0.060 (1.52)
MIN.
0.057 (1.45)
0.049 (1.25)
0.039 (1.00)
0.035 (0.90)
0.012 (0.30)
0.006 (0.15)
0.171 (4.35)
0.163 (4.15)
0.211 (5.35)
0.199 (5.05)
Typ.: 0.019 (0.48)
Mounting Pad Layout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com