Electronic Components Datasheet Search
  English  ▼

X  

SF1600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SF1600
Description  Ultrafast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF1600 Datasheet(HTML) 2 Page - Vishay Siliconix

  SF1600 Datasheet HTML 1Page - Vishay Siliconix SF1600 Datasheet HTML 2Page - Vishay Siliconix SF1600 Datasheet HTML 3Page - Vishay Siliconix SF1600 Datasheet HTML 4Page - Vishay Siliconix SF1600 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SF1200, SF1600
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 11-Sep-12
2
Document Number: 86059
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Max. Average Forward Current vs. Ambient Temperature
Fig. 3 - Reverse Current vs. Junction Temperature
Fig. 4 - Max. Reverse Power Dissipation vs. Junction Temperature
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 1 A
VF
--
3.4
V
Reverse current
VR = VRRM
IR
--
5
μA
VR = VRRM, Tj = 125 °C
IR
-
-
50
μA
Reverse breakdown voltage
lR = 100 μA
SF1200
V(BR)R
1250
-
-
V
SF1600
V(BR)R
1650
-
-
V
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
-
-
75
ns
0.001
0.01
0.1
1
10
100
16463
01
2
4
5
69
78
3
VF - Forward Voltage (V)
T
j = 175 °C
T
j = 25 °C
0.0
0.2
0.4
0.6
0.8
1.0
15789
0
20
40
80 100 120
180
140 160
60
V
R = VRRM
half sine wave
R
thJA = 100 K/W
PCB: d = 25 mm
R
thJA = 45 K/W
l = 10 mm
Tamb - Ambient Temperature (°C)
1
10
100
1000
25
50
75
100
125
150
175
16464
V
R = VRRM
Tj - Junction Temperature (°C)
0
100
200
300
400
500
600
700
25
50
75
100
125
150
175
16465
Tj - Junction Temperature (°C)
P
R - Limit
at 100 % V
R
V
R = VRRM
P
R - Limit
at 80 % V
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com