Electronic Components Datasheet Search
  English  ▼

X  

TSS0230U Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSS0230U
Description  Surface Mount Schottky Barrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSS0230U Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSS0230U Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSS0230U Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSS0230U Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSS0230U Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S1411005
Version: C14
TSS0230U
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward voltage(V)
Fig.1 Forward characteristics
125゚C
75oC
25oC
-25oC
0.001
0.01
0.1
1
10
100
1000
0
5
10
15
20
25
30
Reverse Voltage (V)
Fig. 2 Reverse Characteristics
125゚C
75゚C
25゚C
-25゚C
1
10
100
0
5
10
15
20
25
30
Reverse Voltage (V)
Fig. 3 Capacitance Between Terminals Characteristics
f = 1MHz
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature (゚C)
Fig. 4 Chrrent Derating Curve
540
550
560
570
580
590
0 1020 304050607080 90 100
FIg. 5 VF Dispersion
AVG=560mV
IF=360mA
0
100
200
300
400
500
600
700
800
900
1000
0 10 20304050607080 90 100
FIg. 6 IR Dispersion Map
AVG=111nA
VR=10V
0
5
10
15
20
25
30
35
40
45
50
0 1020 3040 506070 8090 100
FIg. 7 CT Dispersion Map
AVG18pF
f=1MHz
VR=10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com