Electronic Components Datasheet Search
  English  ▼

X  

V3PAL45 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # V3PAL45
Description  Surface Mount Trench MOS Barrier Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V3PAL45 Datasheet(HTML) 3 Page - Vishay Siliconix

  V3PAL45 Datasheet HTML 1Page - Vishay Siliconix V3PAL45 Datasheet HTML 2Page - Vishay Siliconix V3PAL45 Datasheet HTML 3Page - Vishay Siliconix V3PAL45 Datasheet HTML 4Page - Vishay Siliconix V3PAL45 Datasheet HTML 5Page - Vishay Siliconix V3PAL45 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
V3PAL45
www.vishay.com
Vishay General Semiconductor
Revision: 30-Jul-13
3
Document Number: 87906
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typcial Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typcial Transient Thermal Impedance
Fig. 7 - Thermal Resistance Junction to Ambient vs.
Copper Pad Areas
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 25 °C
T
A = 100
T
A = 125 °C
50
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 100 °C
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
0.1
1
10
100
1000
100
10
Reverse Voltage (V)
TJ = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
0.01
0.1
1
10
100
1000
100
10
1
t - Pulse Duration (s)
Junction to Ambient
20
30
40
50
60
70
80
90
100
110
0
1
2
3
4
5
6
7
8
9
Copper Pad Areas (cm2)
S (cm
2)
Epoxy printed circiut
board FR4 copper
thickness = 70 μm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com