Electronic Components Datasheet Search
  English  ▼

X  

TSS0340L Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSS0340L
Description  Surface Mount Schottky
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSS0340L Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSS0340L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSS0340L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSS0340L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSS0340L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S1411006
Version: B14
TSS0340L
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0
30
60
90
120
150
0
30
60
90
120
150
Case Temperature (oC)
Fig.1 Maximum Forward Current Derating Curve
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse voltage (%)
Fig. 2 Typical Reverse Characteristics
TJ=125°C
Tj=75゚C
Tj=25゚C
0
125
250
375
500
625
1
10
100
Number of Cycles at 60Hz
Fig. 3 Maximum Non-Repetitive Forward Surge Current
8.3 ms Single Half Sine Wave
0
1.5
3
4.5
0.1
1.0
10.0
100.0
Reverse Voltage (V)
Fig. 4 Typical Junction Capacitance
0.01
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VF, Instantaneous Forward Voltage (V)
Fig. 5 Forward Characteristics Curve
125゚C
75゚C
-25゚C
25゚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com