Electronic Components Datasheet Search
  English  ▼

X  

TSSA3U60 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSSA3U60
Description  3A, 60V Trench Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSA3U60 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSSA3U60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSA3U60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSA3U60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSA3U60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.27
1.58
0.05
0.062
B
4.06
4.6
0.16
0.181
C
2.29
2.84
0.09
0.111
D
1.99
2.5
0.078
0.098
E
0.9
1.41
0.035
0.056
F
4.95
5.33
0.195
0.21
G
0.1
0.2
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N =
Marking Code
G =
Green Compound
YW =
Date Code
F =
Factory Code
Document Number: DS_D1411075
Version: C15
TSSA3U60
Taiwan Semiconductor
Unit (mm)
1.68
PACKAGE OUTLINE DIMENSIONS
Dim.
Unit(mm)
Unit(inch)
C
D
A
B1.52
Unit (inch)
0.066
Symbol
2.41
DO-214AC (SMA)
0.060
0.155
MARKING DIAGRAM
E
3.93
5.45
0.095
0.215
SUGGESTED PAD LAYOUT
0
20
40
60
80
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com