Electronic Components Datasheet Search
  English  ▼

X  

LTC1090 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1090
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1090 Datasheet HTML 14Page - Linear Technology LTC1090 Datasheet HTML 15Page - Linear Technology LTC1090 Datasheet HTML 16Page - Linear Technology LTC1090 Datasheet HTML 17Page - Linear Technology LTC1090 Datasheet HTML 18Page - Linear Technology LTC1090 Datasheet HTML 19Page - Linear Technology LTC1090 Datasheet HTML 20Page - Linear Technology LTC1090 Datasheet HTML 21Page - Linear Technology LTC1090 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LTC1090
1090fc
6. Sharing the Serial Interface
The LTC1090 can share the same 3-wire serial interface
with other peripheral components or other LTC1090s (see
Figure 5). In this case, the CS signals decide which
LTC1090 is being addressed by the MPU.
ANALOG CONSIDERATIONS
1. Grounding
The LTC1090 should be used with an analog ground plane
and single point grounding techniques.
Pin 11 (AGND) should be tied directly to this ground plane.
Pin 10 (DGND) can also be tied directly to this ground
plane because minimal digital noise is generated within
the chip itself.
Pin 20 (VCC) should be bypassed to the ground plane with
a 4.7µF tantalum with leads as short as possible. Pin 12
(V–) should be bypassed with a 0.1µF ceramic disk. For
single supply applications, V– can be tied to the ground
plane.
It is also recommended that pin 13 (REF–) and pin 9 (COM)
be tied directly to the ground plane. All analog inputs
should be referenced directly to the single point ground.
Digital inputs and outputs should be shielded from and/or
routed away from the reference and analog circuitry.
Figure 6 shows an example of an ideal ground plane design
for a two sided board. Of course this much ground plane
will not always be possible, but users should strive to get
as close to this ideal as possible.
2. Bypassing
For good performance, VCC must be free of noise and
ripple. Any changes in the VCC voltage with respect to
analog ground during a conversion cycle can induce
errors or noise in the output code. VCC noise and ripple can
be kept below 1mV by bypassing the VCC pin directly to the
analog ground plane with a 4.7µF tantalum with leads as
short as possible. Figures 7 and 8 show the effects of good
and poor VCC bypassing.
APPLICATIO S I FOR ATIO
Figure 7. Poor VCC Bypassing. Noise and Ripple
can Cause A/D Errors
Figure 6. Example Ground Plane for the LTC1090
HORIZONTAL: 10µs/DIV
Figure 8. Good VCC Bypassing Keeps Noise and Ripple
on VCC Below 1mV
HORIZONTAL: 10µs/DIV
20
VCC
V–
10
11
LTC1090 • AI15
ANALOG
GROUND
PLANE
0.1µF CERAMIC DISK
4.7µF TANTALUM
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com