Electronic Components Datasheet Search
  English  ▼

X  

LTC1090M Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1090M
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090M Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1090M Datasheet HTML 2Page - Linear Technology LTC1090M Datasheet HTML 3Page - Linear Technology LTC1090M Datasheet HTML 4Page - Linear Technology LTC1090M Datasheet HTML 5Page - Linear Technology LTC1090M Datasheet HTML 6Page - Linear Technology LTC1090M Datasheet HTML 7Page - Linear Technology LTC1090M Datasheet HTML 8Page - Linear Technology LTC1090M Datasheet HTML 9Page - Linear Technology LTC1090M Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC1090
1090fc
PI FU CTIO S
#
PIN
FUNCTION
DESCRIPTION
1-8
CH0 to CH7
Analog Inputs
The analog inputs must be free of noise with respect to AGND.
9
COM
Common
The common pin defines the zero reference point for all single ended inputs. It must be free
of noise and is usually tied to the analog ground plane.
10
DGND
Digital Ground
This is the ground for the internal logic. Tie to the ground plane.
11
AGND
Analog Ground
AGND should be tied directly to the analog ground plane.
12
V –
Negative Supply
Tie V– to most negative potential in the circuit. (Ground in single supply applications.)
13,14
REF –, REF+
Reference Inputs
The reference inputs must be kept free of noise with respect to AGND.
15
CS
Chip Select Input
A logic low on this input enables data transfer.
16
DOUT
Digital Data Output
The A/D conversion result is shifted out of this output.
17
DIN
Data Input
The A/D configuration word is shifted into this input.
18
SCLK
Shift Clock
This clock synchronizes the serial data transfer.
19
ACLK
A/D Conversion Clock
This clock controls the A/D conversion process.
20
VCC
Positive Supply
This supply must be kept free of noise and ripple by bypassing directly to the analog ground
plane.
BLOCK DIAGRA
DIN
17
DOUT
16
SCLK
18
LTC1090 • BD01
CH0
1
CH1
2
CH2
3
CH3
4
CH4
5
CH5
6
CH6
7
CH7
8
COM
9
VCC
20
INPUT SHIFT
REGISTER
OUTPUT
SHIFT
REGISTER
CS
15
ACLK
19
CONTROL
AND
TIMING
10-BIT
SAR
SAMPLE
AND HOLD
ANALOG
INPUT
MUX
COMP
REF –
13
10-BIT
CAPACITIVE
DAC
REF+
V–
12
AGND
11
DGND
10
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com