Electronic Components Datasheet Search
  English  ▼

X  

LTC1096L Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1096L
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1096L Datasheet(HTML) 5 Page - Linear Technology

  LTC1096L Datasheet HTML 1Page - Linear Technology LTC1096L Datasheet HTML 2Page - Linear Technology LTC1096L Datasheet HTML 3Page - Linear Technology LTC1096L Datasheet HTML 4Page - Linear Technology LTC1096L Datasheet HTML 5Page - Linear Technology LTC1096L Datasheet HTML 6Page - Linear Technology LTC1096L Datasheet HTML 7Page - Linear Technology LTC1096L Datasheet HTML 8Page - Linear Technology LTC1096L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1096/LTC1096L
LTC1098/LTC1098L
DIGITAL AND DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
q
2.0
V
VIL
Low Level Input Voltage
VCC = 4.75V
q
0.8
V
IIH
High Level Input Current
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
–2.5
µA
VOH
High Level Output Voltage
VCC = 4.75V, IO = 10µA
q
4.5
4.74
V
VCC = 4.75V, IO = 360µA
q
2.4
4.72
V
VOL
Low Level Output Voltage
VCC = 4.75V, IO = 1.6mA
q
0.4
V
IOZ
Hi-Z Output Leakage
CS
≥ VIH
q
±3.0
µA
ISOURCE
Output Source Current
VOUT = 0V
– 25
mA
ISINK
Output Sink Current
VOUT = VCC
45
mA
IREF
Reference Current
CS = VCC
q
0.001
2.5
µA
tCYC ≥ 200µs, fCLK ≤ 50kHz
q
3.500
7.5
µA
tCYC = 29µs, fCLK = 500kHz
q
35.000
50.0
µA
ICC
Supply Current
CS = VCC
q
0.001
3.0
µA
LTC1096, tCYC ≥ 200µs, fCLK ≤ 50kHz
q
40
80
µA
LTC1096, tCYC = 29µs, fCLK = 500kHz
q
120
180
µA
LTC1098, tCYC ≥ 200µs, fCLK ≤ 50kHz
q
44
88
µA
LTC1098, tCYC = 29µs, fCLK = 500kHz
q
155
230
µA
LTC1096/LTC1098
VCC = 5V, VREF = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 3.6V
q
1.9
V
VIL
Low Level Input Voltage
VCC = 3V
q
0.45
V
IIH
High Level Input Current (Note 9)
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current (Note 9)
VIN = 0V
q
–2.5
µA
VOH
High Level Output Voltage
VCC = 3V, IO = 10µA
q
2.3
2.69
V
VCC = 3V, IO = 360µA
q
2.1
2.64
V
VOL
Low Level Output Voltage
VCC = 3V, IO = 400µA
q
0.3
V
IOZ
Hi-Z Output Leakage (Note 9)
CS
≥ VIH
q
±3.0
µA
ISOURCE
Output Source Current (Note 9)
VOUT = 0V
– 10
mA
ISINK
Output Sink Current (Note 9)
VOUT = VCC
15
mA
IREF
Reference Current (Note 9)
CS = VCC
q
0.001
2.5
µA
tCYC ≥ 200µs, fCLK ≤ 50kHz
q
3.500
7.5
µA
tCYC = 58µs, fCLK = 250kHz
q
35.000
50.0
µA
ICC
Supply Current (Note 9)
CS = VCC
q
0.001
3.0
µA
LTC1096, tCYC ≥ 200µs, fCLK ≤ 50kHz
q
40
80
µA
LTC1096, tCYC = 58µs, fCLK = 250kHz
q
120
180
µA
LTC1098, tCYC ≥ 200µs, fCLK ≤ 50kHz
q
44
88
µA
LTC1098, tCYC = 58µs, fCLK = 250kHz
q
155
230
µA
LTC1096/LTC1098
VCC = 3V, VREF = 2.5V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com