Electronic Components Datasheet Search
  English  ▼

X  

UPD7564A Datasheet(PDF) 1 Page - NEC

Part # UPD7564A
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564A Datasheet(HTML) 1 Page - NEC

  UPD7564A Datasheet HTML 1Page - NEC UPD7564A Datasheet HTML 2Page - NEC UPD7564A Datasheet HTML 3Page - NEC UPD7564A Datasheet HTML 4Page - NEC UPD7564A Datasheet HTML 5Page - NEC UPD7564A Datasheet HTML 6Page - NEC UPD7564A Datasheet HTML 7Page - NEC UPD7564A Datasheet HTML 8Page - NEC UPD7564A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
The mark 5 shows major revised points.
DESCRIPTION
The
µPD7564A is a 4-bit single-chip microcomputer with a small number of ports in a small package, which is
of low-order models,
µPD7554 and 7564 sub-series in the µPD7500 series. With an on-chip serial interface, it per-
forms efficient dispersion processing of a system as a sub-CPU for the 75X series or 78k series.
The
µPD7564A has outputs to directly drive a triac and LEDs and allows selection among many types of input/
output circuits using their respective mask options, sharply reducing the number of external circuits required.
Details of functions are described in the User’s Manual shown below. Be sure to read in design.
µPD7554, 7564 User’s Manual: IEM-1111D
4-BIT SINGLE-CHIP MICROCOMPUTER
Document No.
IC-2401C
(O. D. No.
IC-7834C)
Date Published December 1994 P
Printed in Japan
µPD7564A, 7564A(A)
MOS INTEGRATED CIRCUIT
DATA SHEET
The information in this document is subject to change without notice.
FEATURES
• 47 types of instructions
(Subset of
µPD7500H SET B)
• Instruction cycle
Ceramic oscillation : 2.86
µs
(in operation at 700 kHz, 5 V)
• Program memory (ROM) capacity: 1024 × 8 bits
• Data memory (RAM) capacity: 64 × 4 bits
• Test source: One external source and two internal
sources
• 8-bit timer/event counter
• 15 I/O lines (Total output current of all pins: 100 mA)
• Can directly drive a triac and a LED: P80 to P82
• Can directly drive LEDs: P100 to P103 and P110 to
P113
• Mask option function provided for every port
• 8-bit serial interface
• Standby (STOP/HALT) function
• Low supply voltage data retaining function for data
memory
• Built-in ceramic oscillator for system clock
• Low power dissipation
• Single power supply (2.7 to 6.0 V)
PIN CONFIGURATION (TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VSS
P113
P112
P111
P110
P103
P102
P101
P100
RESET
P00/INT0
P01/SCK
P02/SO
P03/SI
P80
P81
P82
CL2
CL1
VDD
APPLICATIONS
µPD7564A
: PPCs, printers, VCRs, audio equipments,
etc.
µPD7564A(A) : Automotive and transportation equip-
ments, etc.
The quality grade and absolute maximum ratings of the
µPD7564A and the µPD7564A(A) differ.
Except where specifically noted, explanations here concern the
µPD7564A as a representative product.
If you are using the
µPD7564A(A), use the information presented here after the checking the func-
tional differences.
5
©
1994


Similar Part No. - UPD7564A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD7564A RENESAS-UPD7564A Datasheet
527Kb / 58P
MOS INTEGRATED CIRCUIT
1994
More results

Similar Description - UPD7564A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com