Electronic Components Datasheet Search
  English  ▼

X  

LTC1143L Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1143L
Description  Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1143L Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1143L Datasheet HTML 12Page - Linear Technology LTC1143L Datasheet HTML 13Page - Linear Technology LTC1143L Datasheet HTML 14Page - Linear Technology LTC1143L Datasheet HTML 15Page - Linear Technology LTC1143L Datasheet HTML 16Page - Linear Technology LTC1143L Datasheet HTML 17Page - Linear Technology LTC1143L Datasheet HTML 18Page - Linear Technology LTC1143L Datasheet HTML 19Page - Linear Technology LTC1143L Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1143/LTC1143L
LTC1143L-ADJ
+
+
+
P-DRIVE 3
SENSE+ 3
SENSE– 3
GND3
GND5
CT3
ITH3
ITH5
CT5
SENSE– 5
SENSE+ 5
P-DRIVE 5
VIN3
SHUTDOWN 5
VIN5
LTC1143L
CT5
220pF
CT3
270pF
314
15
7
6
11
RC5
1k
CC3
3300pF
CC5
3300pF
RC3
1k
13
10
5
12
9
8
4
1
16
VOUT5
5V/2A
COUT5
220
µF
10V
× 2
RSENSE5
0.05
Ω
L2
25
µH
D2
MBRS140T3
P1: FAIRCHILD NDS8934
RSENSE3: IRC LR2512-01-OR100G
RSENSE5: IRC LR2512-01-ORO5OG
D1
MBRS140T3
0V = NORMAL
>1.5V = SHUTDOWN
CIN5
22
µF
25V
× 2
CIN3
22
µF
25V
× 2
P1A
COUT3
220
µF
10V
L1
50
µH
RSENSE3
0.10
Ω
VOUT3
3.3V/1A
VIN RANGE
VOUT5 ON: 5.2V TO 8V
VOUT5 SHUTDOWN: 3.5V TO 8V
+
+
P1B
0.01
µF
0.01
µF
1143 F10
0.22
µF
0.22
µF
+
SHUTDOWN 3
2
CIN3, CIN5: AVX TPSD226K025R0200
COUT3, COUT5: AVX TPSE227M010R0080
L2: COILTRONICS CTX50-4
L2: COILTRONICS CTX25-4
1000pF
100pF
+
+
+
1000pF
100pF
P-DRIVE 1
SENSE+ 1
SENSE– 1
VFB1
VFB2
GND1
CT1
ITH1
ITH2
CT2
GND2
SENSE– 2
SENSE+ 2
P-DRIVE 2
VIN1
VIN2
LTC1143L-ADJ
CT2
300pF
3
2
14
15
7
611
RC2
1k
CC1
3300pF
CC2
3300pF
CT1
220pF
RC1
510
Ω
0.22
µF
13
5
12
9
8
10
4
1
16
VOUT2
2.5V/2A
COUT2
220
µF
10V
× 2
RSENSE2
0.04
Ω
100
Ω
100
Ω
P2
L2
27
µH
D2
MBRS320T3
0.22
µF
CIN2
22
µF
25V
× 2
CIN1
22
µF
25V
× 3
P1
D1
MBRS320T3
COUT1
330
µF
6.3V
× 2
L1
15
µH
RSENSE1
0.025
Ω
100
Ω
100
Ω
R2
22.1k
1%
5.6k
R1
49.9k
1%
VOUT1
1.8V/3A
R3
49.9k
1%
R4
49.9k
1%
8.2k
VIN
4V TO 14V
1143 F11
+
CIN1, CIN2: AVX TPSD226K025R0200
COUT1: AVX TPSE337M006R0100
COUT2: AVX TPSE227M010R0100
100pF
P1: IR IRF7406
P2: IR IRF7204
L1: SUMIDA CDRH125-150
L2: SUMIDA CDRH125-270
RSENSE1: DALE WSL-2010-.025
RSENSE2: DALE WSL-2010-.04
Figure 11. Dual 1.8V/3A and 2.5V/2A with Burst Mode Defeated
Figure 10. All Surface Mount Low Dropout Dual 5V/2A, 3.3V/1A Converter
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com